Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74810ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # MAX74810ARMZ-R7
Description  50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74810ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button MAX74810ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 14Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 15Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 16Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 17Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Data Sheet
MAX74810
analog.com
Rev. 0
14 of 23
Figure 32. Small Signal Overshoot vs. Load Capacitance,
VSY = ±25V
Figure 33. Channel Separation vs. Frequency,
VSY = ±25V
Figure 34. THD + N vs. Amplitude, VSY = ±2.5V
Figure 35. THD + N vs. Frequency, VSY = ±2.5V
Figure 36. THD + N vs. Amplitude, VSY = ±25V
Figure 37. THD + N vs. Frequency, VSY = ±25V
50
45
40
35
30
25
20
15
10
5
0
10
100
1000
LOAD CAPACITANCE (pF)
OS+
VSY = ±25V
RL = 10kΩ
AV = 1
VIN = 100mV p-p
OS–
0
–140
–120
–100
–80
–60
–40
–20
0.01
1
100
0.1
10
FREQUENCY (kHz)
VSY = ±25V
AV = –10
RL = 10kΩ
VIN = 10V p-p
VIN = 30V p-p
VIN = 50V p-p
100
10
1
0.1
0.01
0.001
0.0001
0.001
1
0.1
0.01
AMPLITUDE (V rms)
VSY = ±2.5V
AV = 1
FREQUENCY = 1kHz
RL = 10kΩ
80kHz LOW-PASS FILTER
500kHz LOW-PASS FILTER
1
0.1
0.01
0.001
0.0001
10
100k
10k
1k
100
FREQUENCY (Hz)
VSY = ±2.5V
AV = 1
RL = 10kΩ
VIN = 0.6V rms
80kHz LOW-PASS FILTER
500kHz LOW-PASS FILTER
100
10
1
0.1
0.01
0.001
0.0001
0.001
10
1
0.1
0.01
AMPLITUDE (V rms)
VSY = ±25V
AV = 1
FREQUENCY = 1kHz
RL = 10kΩ
80kHz LOW-PASS FILTER
500kHz LOW-PASS FILTER
1
0.1
0.01
0.001
0.0001
10
100k
10k
1k
100
FREQUENCY (Hz)
VSY = ±25V
AV = 1
RL = 10kΩ
VIN = 10V rms
80kHz LOW-PASS FILTER
500kHz LOW-PASS FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com