Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74810ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX74810ARMZ-R7
Description  50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74810ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  MAX74810ARMZ-R7 Datasheet HTML 1Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Data Sheet
MAX74810
50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
Amplifiers
Rev. 0
DOCUMENT FEEDBACK
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
TECHNICAL SUPPORT
©202
5 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 7µV maximum
Extremely low offset voltage drift: 30nV/°C
maximum
Low voltage noise density: 5.8nV/√Hz typical
117nV p-p typical from 0.1Hz to 10Hz
Low input bias current: 50pA typical
Gain-bandwidth product: 2.7MHz
Single-supply operation: input voltage range
includes ground and rail-to-rail output
Wide range of operating voltages
Single-supply operation: 4.5V to 50V
Dual-supply operation: ±2.25V to ±25V
Integrated EMI filters
Unity-gain stable
APPLICATIONS
Inductance, capacitance, and resistance (LCR)
meter/megohmmeter front-end amplifiers
Load cell and bridge transducers
Magnetic force balance scales
High precision shunt current sensing
Thermocouple/resistance temperature detector
(RTD) sensors
Programmable logic controller (PLC) input and
output amplifiers
Automotive sensors
Onboard chargers (OBC) and DC/DC converters
Battery management systems (BMS)
Traction inverter
GENERAL DESCRIPTION
The MAX74810 is a dual-channel, zero drift op amp with
low noise and power, ground sensing inputs, and rail-
to-rail output, optimized for total accuracy over time,
temperature, and voltage conditions. The wide
operating voltage and temperature ranges, as well as
the high open-loop gain and very low DC and AC errors,
make the devices suitable for amplifying very small
input signals and for accurately reproducing larger
signals in a wide variety of applications.
The MAX74810 performance is specified at 5.0V and 50V
power supply voltages. These devices operate over the
range of 4.5V to 50V, and are excellent for applications
using single-ended supplies of 5V, 10V, 12V, and 30V, or
for applications using higher single supplies and dual
supplies of ±2.5V, ±5V, and ±15V. The MAX74810 uses
on-chip filtering to achieve high immunity to
electromagnetic interference (EMI).
The MAX74810 is fully specified over the extended
industrial temperature range of −40°C to +125°C and is
available in an 8-lead MSOP package.


Similar Part No. - MAX74810ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7481 MAXIM-MAX7481 Datasheet
860Kb / 13P
Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
MAX7481ETI+ MAXIM-MAX7481ETI+ Datasheet
860Kb / 13P
Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
More results

Similar Description - MAX74810ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
logo
Texas Instruments
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
logo
Analog Devices
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
logo
Analog Devices
ADA4522-2 AD-ADA4522-2 Datasheet
895Kb / 30P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifier
REV. B
ADA4522-1 AD-ADA4522-1 Datasheet
1,014Kb / 32P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com