Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74810ARMZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # MAX74810ARMZ-R7
Description  50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74810ARMZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button MAX74810ARMZ-R7 Datasheet HTML 15Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 16Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 17Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 18Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 19Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 20Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 21Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 22Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Data Sheet
MAX74810
analog.com
Rev. 0
20 of 23
APPLICATIONS INFORMATION
Use of Large Source Resistance
The MAX74810 is designed to work with low value source resistance. Note that the amplifier has an ultralow voltage
noise density of 5.8nV/√Hz. A 1kΩ resistor contributes 4nV/√Hz; therefore, placing a 1kΩ resistor at the input
increases total noise to 7nV/√Hz. For this reason (noise), it is recommended to avoid using large source resistance.
Unity Gain Follower with Large Source Resistance
When the MAX74810 is configured in a unity-gain follower configuration with a large source resistance and slow
power supply ramp rate, the amplifier output may rail to the positive supply.
Figure 53. Insert RF When Large RS is Used
Workaround
To avoid the amplifier output railing to the positive supply, implement one of the following actions (see Table 6 and
Figure 53):
Reduce the value of the source resistance (RS).
Insert a feedback resistor (RF).
Table 6. Amplifier Output Railing Workaround Recommendations
CONDITION
RECOMMENDATION
1.5V ≤ VSY − VIN < 2.5V
RF = 200Ω or RF ≥ 50RS, whichever is greater
2.5V ≤ VSY − VIN < 3.5V
RS ≤ 200Ω or RF ≥ 2RS
VSY − VIN ≥ 3.5V
RS ≤ 500Ω or RF ≥ 0.5RS
MAX74810
+VSY
RF
RS
VOUT
–VSY
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com