Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74810ARMZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX74810ARMZ-R7
Description  50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74810ARMZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX74810ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 14Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 15Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 16Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
MAX74810
analog.com
Rev. 0
13 of 23
Figure 26. Large Signal Transient Response, VSY = ±2.5V
Figure 27. Small Signal Transient Response, VSY = ±2.5V
Figure 28. Large Signal Transient Response, VSY = ±25V
Figure 29. Small Signal Transient Response, VSY = ±25V
Figure 30. Small Signal Overshoot vs. Load Capacitance,
VSY = ±2.5V
Figure 31. Channel Separation vs. Frequency,
VSY = ±2.5V
2.0
–2.0
–1.0
–1.5
0
1.5
1.0
–0.5
0.5
TIME (4µs/DIV)
VSY = ±2.5V
VIN = 1.5V p-p
AV = 1
RL = 10kΩ
CL = 100pF
RS_IN+ = 100Ω
RS_IN– = 100Ω
0.08
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
TIME (400ns/DIV)
VSY = ±2.5V
VIN = 100mV p-p
AV = 1
RL = 10kΩ
CL = 100pF
30
–30
–20
–10
0
10
20
TIME (10µs/DIV)
VSY = ±25V
VIN = 50V p-p
AV = 1
RL = 10kΩ
CL = 100pF
RS_IN+ = 100Ω
RS_IN– = 100Ω
0.08
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
TIME (400ns/DIV)
VSY = ±25V
VIN = 100mV p-p
AV = 1
RL = 10kΩ
CL = 100pF
50
45
40
35
30
25
20
15
10
5
0
10
100
1000
LOAD CAPACITANCE (pF)
OS+
VSY = ±2.5V
RL = 10kΩ
AV = 1
VIN = 100mV p-p
OS–
0
–140
–120
–100
–80
–60
–40
–20
0.01
1
100
0.1
10
FREQUENCY (kHz)
VSY = ±2.5V
AV = –10
RL = 10kΩ
VIN = 0.5V p-p
VIN = 1V p-p
VIN = 2V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com