Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74810ARMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # MAX74810ARMZ-R7
Description  50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74810ARMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button MAX74810ARMZ-R7 Datasheet HTML 14Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 15Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 16Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 17Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 18Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 19Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 20Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 21Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Data Sheet
MAX74810
analog.com
Rev. 0
18 of 23
THEORY OF OPERATION
The MAX74810 is a dual, ultralow noise, high voltage, zero drift, rail-to-rail output operational amplifier. It features a
chopping technique that offers an ultralow input offset voltage of 7µV and an input offset voltage drift of 30nV/°C
maximum. Offset voltage errors due to common-mode voltage swings and power supply variations are also
corrected by the chopping technique, resulting in a superb typical CMRR figure of 144dB and a PSRR figure of 160dB
at a 50V supply voltage.
The MAX74810 has a wide operating voltage range from ±2.25V (or 4.5V) to ±25V (or 50V). It is a single supply amplifier,
where its input voltage range includes the lower supply rail. It also offers low voltage noise density of 5.8nV/√Hz (at
f = 1kHz, AV= 100) and reduced 1/f noise component. These features are ideal for the amplification of low level signals
in high precision applications. A few examples of such applications are weigh scales, high precision current sensing,
high voltage buffers, and signal conditioning for temperature sensors, among others.
Figure 51 shows the MAX74810 architecture block diagram. The architecture consists of an input EMI filter and clamp
circuitry, three gain stages (Gm1, Gm2, and Gm3), input and output chopping networks (CHOPIN and CHOPOUT), a clock
generator, offset and ripple correction loop circuitry, frequency compensation capacitors (C1, C2, and C3), and
thermal shutdown circuitry.
An EMI filter and clamp circuit are implemented at the input front-end to protect the internal circuitry against
electrostatic discharge (ESD) stresses and high voltage transients.
CHOPIN and CHOPOUT are controlled by a clock generator and operate at 4.8MHz. The input baseband signal is initially
modulated by CHOPIN. Next, CHOPOUT demodulates the input signal and modulates the millivolt level input offset
voltage and 1/f noise of the input transconductance amplifier, Gm1, to the chopping frequency at 4.8MHz. The
chopping networks remove the low frequency errors, but, in return, the networks introduce chopping artifacts at the
chopping frequency. Therefore, an offset and ripple correction loop, operating at 800kHz, is used. This frequency is
the switching frequency of the amplifier. This circuitry reduces chopping artifacts, allowing the MAX74810 to have a
high chopping frequency with minimal artifacts.
The thermal shutdown circuit shuts down the circuit when the die is overheated (see the Thermal Shutdown section
for more information).
Figure 51. MAX74810 Architecture Block Diagram
On-Chip Input EMI Filter and Clamp Circuit
Figure 52 shows the input EMI filter and clamp circuit. The MAX74810 has internal ESD protection diodes (D1, D2, D3,
and D4) connected between the inputs and each supply rail. These diodes protect the input transistors in the event
of electrostatic discharge and are reverse-biased during normal operation. This protection scheme allows voltages
as high as approximately 300mV beyond the rails to be applied at the input of either terminal without causing
permanent damage. See Table 3 in the Absolute Maximum Ratings section for more information.
Gm1
Gm2
Gm3
EMI
FILTER
AND
CLAMP
THERMAL
SHUTDOWN
OFFSET
AND RIPPLE
CORRECTION
LOOP
+IN x
–IN x
CHOPIN
CHOPOUT
C3
OUT x
C2
C1
4.8MHz CLOCKS
800kHz CLOCKS
CLOCK
GENERATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com