Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74810ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # MAX74810ARMZ-R7
Description  50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74810ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX74810ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Data Sheet
MAX74810
analog.com
Rev. 0
10 of 23
Figure 8. Input Offset Voltage (VOS) vs. Common-Mode
Voltage (VCM), VSY = 50V
Figure 9. Input Bias Current (IB) vs. Common-Mode Voltage
(VCM), VSY = 50V
Figure 10. Input Bias Current (IB) vs. Temperature,
VSY = ±2.5V
Figure 11. Input Bias Current (IB) vs. Temperature,
VSY = ±25V
Figure 12. Output Voltage Swing vs. Frequency
Figure 13. Supply Current (ISY) per Amplifier vs. Supply
Voltage (VSY)
5
–5
–3
1
–1
3
0
5.0
45.0
25.0
15.0
35.0
10.0
50.0
30.0
20.0
40.0
53.5
VCM (V)
VSY = 50V
20 CHANNELS
5000
–500
0
3500
1500
2500
500
4500
3000
1000
2000
4000
0
10.0
50.0
30.0
20.0
40.0
5.0
45.0
25.0
15.0
35.0
53.5
VCM (V)
+125°C
+85°C
+25°C
–40°C
VSY = 50V
1600
–400
–200
1200
400
800
0
1000
200
600
1400
–50
0
100
50
–25
75
25
125
TEMPERATURE (°C)
VSY = ±2.5V
VCM = VSY/2
IB+
IB–
IOS
4000
–1000
–500
3000
1000
2000
0
2500
500
1500
3500
–50
0
100
50
–25
75
25
125
TEMPERATURE (°C)
VSY = ±25V
VCM = VSY/2
IB+
IB–
IOS
0
10
20
30
40
50
60
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
RL = 10kΩ
AV = –1
VIN = ±23.5V
VSY = ±25V
VIN = ±1V
VSY = ±2.5V
1.0
0
0.4
0.2
0.6
0.8
0
5
10
15
20
25
30
35
40
45
50
55
60
VSY (V)
+125°C
+85°C
+25°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com