Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74810ARMZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # MAX74810ARMZ-R7
Description  50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74810ARMZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button MAX74810ARMZ-R7 Datasheet HTML 15Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 16Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 17Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 18Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 19Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 20Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 21Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 22Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
MAX74810
analog.com
Rev. 0
19 of 23
The EMI filter is composed of two 200Ω input series resistors (RS1 and RS2), two common-mode capacitors (CCM1 and
CCM2), and a differential capacitor (CDM). These RC networks set the −3dB low-pass cutoff frequencies at 50MHz for
common-mode signals, and at 33MHz for differential signals. After the EMI filter, back-to-back diodes (D5 and D6) are
added to protect internal circuit devices from high voltage input transients. Each diode has about 1V of forward turn-
on voltage.
As specified in the Absolute Maximum Ratings section (see Table 3), the maximum input differential voltage is limited
to ±5V. If more than ±5V is applied, a continuous current larger than ±10mA flows through one of the back-to-back
diodes. This current compromises long-term reliability and can cause permanent damage to the device.
Figure 52. Input EMI Filter and Clamp Circuit
Thermal Shutdown
As soon as the junction temperature reaches 190°C, the thermal shutdown circuitry shuts down the amplifier. Note
that either one of the two thermal shutdown circuitries is activated; this activation disables the channel. When the
amplifier is disabled, the output becomes open state and the quiescent current of the channel decreases to 0.1mA.
When the junction temperature cools down to 160°C, the thermal shutdown circuitry enables the amplifier and the
quiescent current increases to its typical value.
When overheating in the die is caused by an undesirable excess amount of output current, the thermal shutdown
circuit repeats its function. The junction temperature keeps increasing until it reaches 190°C and one of the channels
is disabled. Then, the junction temperature cools down until it reaches 160°C, and the channel is enabled again. The
process then repeats.
Input Protection
When the input of the MAX74810 exceeds one of the supply rails by more than 300mV, the ESD diodes mentioned in
the On-Chip Input EMI Filter and Clamp Circuit section become forward-biased and large amounts of current begin to
flow through them. Without current limiting, this excessive fault current causes permanent damage to the device. If
the inputs are expected to be subject to overvoltage conditions, insert a resistor in series with each input to limit the
input current to ±10 mA maximum. However, consider the resistor thermal noise effect on the entire circuit.
At a ±25V supply voltage, the broadband voltage noise of the MAX74810 is approximately 5.8nV/√Hz (at unity gain),
and a 1kΩ resistor has a thermal noise of 4nV/√Hz. Adding a 1kΩ resistor increases the total noise to 7nV/√Hz.
Noise Considerations
1/f Noise
1/f noise, also known as pink noise or flicker noise, is inherent in semiconductor devices and increases as frequency
decreases. At a low frequency, 1/f noise is a major noise contributor and causes a significant output voltage offset
when amplified by the noise gain of the circuit. However, because the low frequency 1/f noise appears as a slow
varying offset to the MAX74810, it is effectively reduced by the chopping technique. This technique allows the
MAX74810 to have a much lower noise at DC and low frequency in comparison to standard low noise amplifiers that
are susceptible to 1/f noise. Figure 46 shows the 0.1Hz to 10Hz noise to be only 117nV p-p of noise.
V+
+IN x
–IN x
V–
RS1
200Ω
RS2
200Ω
D1
D2
D5
D6
D4
D3
CCM1
CDM
CCM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com