Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74810ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX74810ARMZ-R7
Description  50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74810ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX74810ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Data Sheet
MAX74810
analog.com
Rev. 0
9 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Figure 2. Input Offset Voltage Distribution, VSY = ±2.5V
Figure 3. Input Offset Voltage Drift Distribution, VSY = ±2.5V
Figure 4. Input Offset Voltage Distribution, VSY = ±25V
Figure 5. Input Offset Voltage Drift Distribution, VSY = ±25V
Figure 6. Input Offset Voltage (VOS) vs. Common-Mode
Voltage (VCM), VSY = 5V
Figure 7. Input Bias Current (IB) vs. Common-Mode Voltage
(VCM), VSY = 5V
90
0
10
20
30
40
50
60
70
80
–5
–4
–3
–2
–1
0
1
2
3
4
5
VOS (µV)
VSY = ±2.5V
VCM = VSY/2
600 CHANNELS
MEAN = 0.10µV
STD DEV. = 0.59µV
35
0
5
10
15
20
25
30
–30 –25 –20 –15 –10
–5
0
5
10
15
25
20
30
TCVOS (nV/°C)
VSY = ±2.5V
–40°C ≤ TA ≤ +125°C
160 CHANNELS
MEAN = –1.19nV/°C
STD DEV. = 1.82nV/°C
70
0
10
20
30
40
50
60
–5
–4
–3
–2
–1
0
1
2
3
4
5
VOS (µV)
VSY = ±25V
VCM = VSY/2
600 CHANNELS
MEAN = 0.69µV
STD DEV. = 0.81µV
35
0
5
10
15
20
25
30
–30 –25 –20 –15 –10
–5
0
5
10
15
25
20
30
TCVOS (nV/°C)
VSY = ±25V
–40°C ≤ TA ≤ +125°C
160 CHANNELS
MEAN = –4.54nV/°C
STD DEV. = 4.01nV/°C
5
–5
–3
1
–1
3
0
1.0
3.0
2.0
3.5
VCM (V)
VSY = 5V
20 CHANNELS
2000
–500
0
1000
500
1500
0
0.5
2.5
1.5
1.0
3.0
2.0
3.5
VCM (V)
+125°C
+85°C
+25°C
–40°C
VSY = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com