Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74810ARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # MAX74810ARMZ-R7
Description  50V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74810ARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button MAX74810ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 14Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 15Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 16Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 17Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 18Page - Analog Devices MAX74810ARMZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
MAX74810
analog.com
Rev. 0
15 of 23
Figure 38. Positive Overload Recovery, VSY = ±2.5V
Figure 39. Negative Overload Recovery, VSY = ±2.5V
Figure 40. Positive Overload Recovery, VSY = ±25V
Figure 41. Negative Overload Recovery, VSY = ±25V
Figure 42. Voltage Noise Density vs. Frequency, VSY = ±2.5V
Figure 43. Voltage Noise Density vs. Frequency, AV = 100
0.2
–0.2
–0.6
–1.0
–1.4
0
–0.4
–0.8
–1.2
7
5
3
1
–1
6
4
2
0
TIME (1µs/DIV)
VSY = ±2.5V
VIN = 350mV p-p
RL = 10kΩ
CL = 100pF
AV = –10
VIN
VOUT
0.4
0
–0.4
–0.8
–1.2
0.2
–0.2
–0.6
–1.0
5
3
1
–1
–3
4
2
0
–2
TIME (1µs/DIV)
VSY = ±2.5V
VIN = 350mV p-p
RL = 10kΩ
CL = 100pF
AV = –10
VIN
VOUT
2
–2
–3
–10
–14
0
–4
–8
–12
70
50
30
10
–10
60
40
20
0
TIME (10µs/DIV)
VSY = ±25V
VIN = 4V p-p
RL = 10kΩ
CL = 100pF
AV = –10
VIN
VOUT
6
2
–2
–6
–10
4
0
–4
–8
40
20
0
–20
–40
30
10
–10
–30
TIME (4µs/DIV)
VSY = ±25V
VIN = 4V p-p
RL = 10kΩ
CL = 100pF
AV = –10
VIN
VOUT
100
10
1
10
100k
100M
10k
10M
1k
100
1M
FREQUENCY (Hz)
VSY = ±2.5V
AV = 1
100
10
1
0.1
10
100k
1M
10k
1k
100
FREQUENCY (Hz)
AV = 100
5V
50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com