Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX74840ARMZ-R7
Description  30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74840ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  MAX74840ARMZ-R7 Datasheet HTML 1Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
MAX74840
analog.com
Rev. 0
3 of 17
SPECIFICATIONS
Table 1. Electrical Characteristics, VSY = ±15V
(Supply voltage (VSY) = ±15V, common-mode voltage (VCM) = output voltage (VOUT) = 0V, TA = 25°C, unless otherwise
noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Offset Voltage
VOS
±0.5
±10
mV
−40°C < TA < +125°C
±2
mV
Offset Voltage Match
±1
mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C < TA < +125°C
±4
µV/°C
Input Bias Current
IB
±3
±15
pA
−40°C < TA < +125°C
±1.5
nA
VCM = −15V
−15
pA
Input Offset Current
IOS
±15
pA
−40°C < TA < +125°C
±0.5
nA
Input Voltage Range
IVR
−15.2
+14
V
Common-Mode Rejection
Ratio
CMRR
VCM = −15V to +12V
82
98
dB
−40°C < TA < +125°C
81
dB
Open-Loop Voltage Gain
AVO
RL= 10kΩ,
VOUT = −14.5V to +14.5V
117
122
dB
−40°C < TA < +125°C
109
dB
Input Capacitance
CINDM
Differential mode
0.4
pF
CINCM
Common mode
3.6
pF
Input Resistance
RDIFF
Differential mode
1013
Ω
RCM
Common mode
1013
Ω
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ISOURCE = 1mA
14.95
14.97
V
−40°C < TA < +125°C
14.9
V
Output Voltage Low
VOL
ISINK = 1mA
−14.955 −14.935
V
−40°C < TA < +125°C
−14.88
V
Output Current
IOUT
VDROPOUT < 1V
20
mA
Short-Circuit Current
ISC
Sourcing
42
mA
Sinking
−51
mA
Closed-Loop Output
Impedance
ZOUT
f = 1kHz, AV = 1
0.1
Ω
f = 1kHz, AV = 10
0.4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com