Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840ARMZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX74840ARMZ-R7
Description  30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74840ARMZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX74840ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 14Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 15Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 16Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
MAX74840
analog.com
Rev. 0
13 of 17
For higher input voltages, determine the resistor value by:
VIN − VSY
RS
≤ 10mA
(1)
where:
VIN is the input voltage.
VSY is the voltage of either the V+ pin or the V− pin.
RS is the series resistor.
With a very low input bias current of ±1.5nA maximum up to 125°C, higher resistor values can be used in series with
the inputs without introducing large offset errors. A 1kΩ series resistor allows the MAX74840 to withstand 10V of
continuous overvoltage and increases the noise by a negligible amount. A 5kΩ resistor protects the inputs from
voltages as high as 25V beyond the supplies and adds less than 10µV to the offset voltage of the amplifier.
EMI Rejection Ratio
Figure 27 shows the EMI rejection ratio (EMIRR) vs. the frequency for the MAX74840.
Figure 27. EMIRR vs. Frequency
Output Characteristics
The MAX74840’s unique bipolar rail-to-rail output stage swings within 10mV of the supplies with no external
resistive load.
The approximate output saturation resistance of the MAX74840 is 24Ω, sourcing or sinking. Use the output
impedance to estimate the output saturation voltage when driving heavier loads. As an example, when driving
5mA, the saturation voltage from either rail is approximately 120mV.
If the MAX74840 output drives hard against the output saturation voltage, it recovers within 1.2µs of the input,
returning to the linear operating region of the amplifier (see Figure 15 and Figure 16).
0
20
40
60
80
100
10M
100M
1G
FREQUENCY (Hz)
COMPETITOR 1
COMPETITOR 2
MAX74840



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com