Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840ARMZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # MAX74840ARMZ-R7
Description  30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74840ARMZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  MAX74840ARMZ-R7 Datasheet HTML 1Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
MAX74840
analog.com
Rev. 0
5 of 17
(Supply voltage (VSY) = ±15V, common-mode voltage (VCM) = output voltage (VOUT) = 0V, TA = 25°C, unless otherwise
noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MATCHING SPECIFICATIONS
Maximum Offset Voltage
over Temperature
0.5
mV
Offset Voltage Temperature
Drift
0.25
µV/°C
Input Bias Current
0.5
5
pA
CROSSTALK
CROSSTALK
CS
RL = 5kΩ, VIN = 20V p-p
f = 1kHz
−112
dB
CROSSTALK
CS
f = 100kHz
−72
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com