Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX74840ARMZ-R7
Description  30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74840ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX74840ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Data Sheet
MAX74840
analog.com
Rev. 0
9 of 17
Figure 8. Open-Loop Voltage Gain (AVO) and Phase vs.
Frequency, VSY = ±15V
Figure 9. Output Impedance vs. Frequency, VSY = ±15V
Figure 10. CMRR vs. Frequency, VSY = ±15V
Figure 11. PSRR vs. Frequency, VSY = ±15V
Figure 12. Small Signal Transient Response, VSY = ±15V
Figure 13. Small Signal Overshoot (OS) vs. Load
Capacitance, VSY = ±15V
–135
–90
–45
0
45
90
135
180
225
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±15V
0.01
0.1
10
100
1k
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN = 1
GAIN = 10
GAIN = 100
VSY = ±15V
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±15V
–20
20
40
60
80
100
120
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±15V
–PSRR
+PSRR
–0.10
–0.05
0
0.05
0.10
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
VSY = ±15V
VIN = ±50mV p-p
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1000
LOAD CAPACITANCE (pF)
+OS
–OS
VSY = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com