Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840ARMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX74840ARMZ-R7
Description  30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74840ARMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX74840ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
MAX74840
analog.com
Rev. 0
8 of 17
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Input Bias Current (IB) Distribution, VSY= ±15V
Figure 3. Input Bias Current (IB) vs. Input Common-Mode
Voltage (VCM), VSY = ±15V
Figure 4. Output Voltage Low (VOL) to Supply Rail vs. Load
Current (ILOAD) over Temperature, VSY = ±15V
Figure 5. Output Voltage High (VOH) to Supply Rail vs. Load
Current (ILOAD) over Temperature, VSY = ±15V
Figure 6. Open-Loop Voltage Gain (AVO) vs. Load Resistance
Figure 7. Closed-Loop Gain (AV) vs. Frequency, VSY = ±15V
IB (pA)
VCM = 0V
VOUT = 0V
VSY = ±15V
0
20
40
60
80
100
120
140
160
VCM (V)
VSY = ±15V
ILOAD (A)
–40°C
+25°C
+85°C
+125°C
VSY = ±15V
1µ
1m
10m
100m
1
10
100
10µ
100µ
1m
10m
100m
1m
10m
100m
1
10
100
1µ
10µ
100µ
1m
10m
100m
ILOAD (A)
–40°C
+25°C
+85°C
+125°C
VSY = ±15V
LOAD RESIST
80
100
1k
10k
100k
90
100
110
120
130
140
ANCE (kΩ)
VSY = ±15V
–20
–10
0
10
20
30
40
50
60
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±15V
AV = +100
AV = +10
AV = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com