Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # MAX74840ARMZ-R7
Description  30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74840ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button MAX74840ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 14Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 15Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 16Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data Sheet
MAX74840
analog.com
Rev. 0
14 of 17
APPLICATIONS INFORMATION
Maximum Power Dissipation
The maximum power the MAX74840 can safely dissipate is limited by the associated rise in junction temperature.
For plastic packages, the maximum safe junction temperature is 150°C. If this maximum temperature is exceeded,
reduce the die temperature to restore proper circuit operation. Leaving the device in the overheated condition for
an extended period of time can result in device burnout. To ensure proper operation, it is important to observe the
specifications shown in the Absolute Maximum Ratings and Thermal Resistance sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com