Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX74840ARMZ-R7
Description  30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74840ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  MAX74840ARMZ-R7 Datasheet HTML 1Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Data Sheet
MAX74840
30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
Rev. 0; 10/25
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2025 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Wide gain bandwidth product: 8MHz typical
High slew rate
23V/µs typical (low to high)
−18V/µs typical (high to low)
Low input bias current: ±15pA maximum at TA = 25°C
Low offset voltage: ±10mV maximum at TA = 25°C
Low offset voltage drift: ±4µV/°C typical
Input voltage range includes Pin V−
Rail-to-rail output
Electromagnetic interference rejection ratio (EMIRR)
90dB typical at f = 1000MHz and f = 2400MHz
APPLICATIONS
High output impedance sensor interfaces
Photodiode sensor interfaces
Transimpedance amplifiers
ADC drivers
Precision filters and signal conditioning
GENERAL DESCRIPTION
The MAX74840 is a single-supply, rail-to-rail output
(RRO), junction field effect transistors (JFET) input
operational amplifiers (Op Amps).
The input voltage range includes the negative supply
and the output swings rail-to-rail. This enables the user
to maximize dynamic input range in low voltage, single
supply applications without the need for a separate
negative voltage power supply for ground sense.
Input EMI filters increase the signal robustness in the
face of closely located switching noise sources.
The speed, in terms of bandwidth and slew rate,
increases along with a strong output drive to improve
settling time performance and enables the devices to
drive the inputs of modern single-ended, successive
approximation register (SAR) analog-to-digital
converters (ADCs).
The MAX74840 is specified for operation over the
extended industrial temperature range of −40°C to
+125°C, and operate from 5V to 30V, with specifications
at ±15V. The MAX74840 is available in an 8-lead MSOP
package.


Similar Part No. - MAX74840ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Analog Devices
MAX7480 AD-MAX7480 Datasheet
91Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
Rev 0
logo
Maxim Integrated Produc...
MAX7480EPA MAXIM-MAX7480EPA Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Analog Devices
MAX7480EPA AD-MAX7480EPA Datasheet
91Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
Rev 0
logo
Maxim Integrated Produc...
MAX7480ESA MAXIM-MAX7480ESA Datasheet
87Kb / 8P
8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
More results

Similar Description - MAX74840ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1169 LINER-LT1169 Datasheet
333Kb / 12P
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Texas Instruments
OPA192 TI1-OPA192_15 Datasheet
3Mb / 52P
Low Input Bias Current Op Amp
logo
Analog Devices
ADA4622-2 AD-ADA4622-2 Datasheet
1Mb / 28P
30 V, 7.5 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amp
REV. 0
ADA4622-1 AD-ADA4622-1 Datasheet
1Mb / 34P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. B
ADA4625-1 AD-ADA4625-1 Datasheet
1Mb / 30P
Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
Oct-2017
ADA4625-1 AD-ADA4625-1_V01 Datasheet
1Mb / 35P
36V 18MHz Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
6/2019-Rev. 0 to Rev. A
ADA4622-1 AD-ADA4622-1_V01 Datasheet
1Mb / 38P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com