Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840ARMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # MAX74840ARMZ-R7
Description  30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74840ARMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX74840ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
MAX74840
analog.com
Rev. 0
6 of 17
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise specified.
Table 2. Absolute Maximum Ratings
PARAMETER
RATING
Supply Voltage
36V
Input Voltage
(V−) −0.3V to (V+) +0.2V
Differential Input Voltage
36V
Input Current (Indefinite)
±10mA
Input Current (Duration < 1sec )
±100mA
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature, Soldering (10sec)
300°C
ESD Rating, Human Body Model (HBM)
4kV
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the product at these or any other conditions above those indicated in
the operational section of this specification is not implied. Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
Thermal Resistance
Thermal performance is directly linked to PCB design and operating environment. Careful attention to PCB thermal
design is required. θJA is the natural convection junction-to-ambient thermal resistance measured in a one cubic
foot sealed enclosure. θJC is the junction-to-case thermal resistance.
Table 3. Thermal Resistance
PACKAGE TYPE1
θJA
θJC3
UNIT
1-Layer JEDEC Board
N/A2
115
°C/W
2-Layer JEDEC Board
185
N/A2
°C/W
1
Thermal impedance simulated values are based on a JEDEC thermal test board. See JEDEC JESD51.
2
N/A means not applicable.
3
For θJC test, 100μm thermal interface material (TIM) is used. TIM is assumed to have 3.6W/mK.
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can
discharge without detection. Although this product features patented or proprietary
protection circuitry, damage may occur on devices subjected to high energy ESD. Therefore,
proper ESD precautions should be taken to avoid performance degradation or loss of
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com