Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX74840ARMZ-R7
Description  30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74840ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX74840ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 14Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet
MAX74840
analog.com
Rev. 0
11 of 17
Figure 20. Voltage Noise Density, VSY = ±15V
Figure 21. 0.1Hz to 10Hz Noise, VSY = ±15V, Gain = 1Million
Figure 22. No Phase Reversal
Figure 23. THD + N vs. Amplitude, VSY = ±15V
Figure 24. THD + N vs. Frequency, VSY = ±15V
FREQUENC
100
10
1
1
10
100
1k
10k
100k
Y (Hz)
VSY = ±15V
CH1 200mV
M1.00ms
A CH1
–3.80MV
1
CH1 p-p = 776.0mV
VSY = ±15V
VIN = ±15.2V p-p
AV = +1
f = 1kHz
VIN
VOUT
TIME (100µs/DIV)
0.0001
0.001
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
AMPLITUDE (V rms)
VSY = ±15V
BW = 500kHz
BW = 80kHz
0.00001
0.0001
0.001
0.01
0.1
10
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±15V
BW = 500kHz
BW = 80kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com