Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # MAX74840ARMZ-R7
Description  30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74840ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button MAX74840ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Data Sheet
MAX74840
analog.com
Rev. 0
10 of 17
Figure 14. Large Signal Transient Response, VSY = ±15V
Figure 15. Positive Overload Recovery, AV = −10, VSY = ±15V
Figure 16. Negative Overload Recovery, AV = −10, VSY = ±15V
Figure 17. Channel Separation vs. Frequency, VSY = ±15V
Figure 18. Positive Settling Time, AV = −10, VSY = ±15V
Figure 19. Negative Setting Time, AV = −10, VSY = ±15V
–15
–10
–5
0
5
10
15
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
VSY = ±15V
VIN = ±10V
–5
5
15
25
35
–15
–10
–5
0
5
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
VSY = ±15V
–20
–10
0
10
20
–15
–10
–5
0
5
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
VSY = ±15V
–140
–120
–100
–80
–60
–40
–20
0
1k
10k
100k
FREQUENCY (Hz)
VSY = ±15V
VIN = 20V p-p
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
–25
–20
–15
–10
–5
0
5
10
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
VSY = ±15V
VIN = ±5V
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
–25
–20
–15
–10
–5
0
5
10
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
VSY = ±15V
VIN = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com