Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX74840ARMZ-R7
Description  30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74840ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX74840ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 14Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 15Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Data Sheet
MAX74840
analog.com
Rev. 0
12 of 17
THEORY OF OPERATION
Figure 25. Simplified Circuit Diagram
Input Characteristics
The MAX74840 input stage consists of N-channel JFETs that provide low offset, low noise, and high impedance. The
minimum input common-mode voltage extends from −0.2mV below V− to 1V less than V+. Driving the input closer to
the positive rail causes loss of amplifier bandwidth and increased common-mode voltage error. Figure 26 shows the
rounding of the output due to the loss of bandwidth. The input and output are superimposed.
Figure 26. Bandwidth Limiting due to Headroom Requirements
Input Overvoltage Protection
The MAX74840 has internal protective circuitry that allows voltages as high as 0.2V beyond the supplies applied at
the input of either terminal without causing damage. Use a current-limiting resistor in series with the input of the
MAX74840 if the input voltage exceeds 0.2V beyond the supply rails of the amplifiers. If the overvoltage condition
persists for more than a few seconds, damage to the amplifiers can result.
SLEW
ENHANCEMENT
CIRCUIT
ED1
+IN x
V+
OUT x
V–
–IN x
ED2
R1
R3
R4
R8
R9
R10
R7
Q1
Q3
C1
Q2
Q4
Q5
RR
OUTPUT
STAGE
VBIAS
R5
R6
IN
OUT1
OUT2
J2
J1
R2
ED3
ED4
ED5
ED6
IMAGIC
CURRENT
CURRENT MIRROR
CH1 1.00V CH2 1.00V
M2.00µs
A CH1
3.00V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com