Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74840ARMZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX74840ARMZ-R7
Description  30V, Single Supply, Low Bias Current, RRO, 8MHz JFET Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74840ARMZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  MAX74840ARMZ-R7 Datasheet HTML 1Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74840ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
MAX74840
analog.com
Rev. 0
4 of 17
(Supply voltage (VSY) = ±15V, common-mode voltage (VCM) = output voltage (VOUT) = 0V, TA = 25°C, unless otherwise
noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Closed-Loop Output
Impedance
ZOUT
f = 1kHz, AV = 100
3
Ω
POWER SUPPLY
Power Supply Rejection
Ratio
PSRR
VSY = ±4V to ±18V
84
100
dB
−40°C < TA < +125°C
81
dB
Supply Current per Amplifier
ISY
0.770
1.05
mA
−40°C < TA < +125°C
0.725
mA
DYNAMIC PERFORMANCE
Slew Rate
SR+
VOUT = ±12.5V, RL = 2kΩ,
CL = 100pF, AV = 1
23
V/µs
SR−
VOUT = ±12.5V, RL = 2kΩ,
CL = 100pF, AV = 1
−18
V/µs
Gain Bandwidth Product
GBP
AV = 100, CL = 35pF
8
MHz
Unity-Gain Crossover
UGC
AV = 1
7
MHz
−3dB Bandwidth
−3dB
AV = 1
15.5
MHz
Phase Margin
ФM
53
Degrees
Settling Time to 0.1%
tS
VIN = 10V step, RL = 2kΩ,
CL = 15pF, AV = −1
1.5
µs
Settling Time to 0.01%
tS
VIN = 10V step, RL = 2kΩ,
CL = 15pF, AV = −1
2
µs
EMI REJECTION RATIO
EMI Rejection Ratio
EMIRR
VIN = 100mV p-p, f = 1000MHz
90
dB
VIN = 100mV p-p, f = 2400MHz
90
dB
NOISE PERFORMANCE
Voltage Noise
eN p-p
0.1Hz to 10Hz
0.75
µV p-p
Voltage Noise Density
eN
f = 10Hz
30
nV/√Hz
f = 100Hz
15
nV/√Hz
f = 1kHz
12.5
nV/√Hz
f = 10kHz
12
nV/√Hz
Current Noise Density
iN
f = 1kHz
0.8
fA/√Hz
Total Harmonic Distortion
Plus Noise, BW = 80kHz
THD + N
AV = 1, f = 10Hz to 20kHz,
VIN = 7V rms at 1kHz
0.0003
%
Total Harmonic Distortion
Plus Noise, BW = 500kHz
THD + N
AV = 1, f = 10Hz to 20kHz,
VIN = 7V rms at 1kHz
0.00035
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com