Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2722 Datasheet HTML 6Page - RF Micro Devices RF2722 Datasheet HTML 7Page - RF Micro Devices RF2722 Datasheet HTML 8Page - RF Micro Devices RF2722 Datasheet HTML 9Page - RF Micro Devices RF2722 Datasheet HTML 10Page - RF Micro Devices RF2722 Datasheet HTML 11Page - RF Micro Devices RF2722 Datasheet HTML 12Page - RF Micro Devices RF2722 Datasheet HTML 13Page - RF Micro Devices RF2722 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Serial Interface
Applies to pins SCLK, SDI and SSB.
Input High Voltage (VIH)
0.7*VCC
V
Input Low Voltage (VIL)
0.3*VCC
V
Input High Current (IIH)5
μA
Input Low Current (IIL)5
μA
Setup Time (TSU)25
ns
Hold Time (TH)10
ns
Rise/Fall Time (TRF)10
ns
Clock to Select Time (TCS)10
ns
Clock Pulse Width High (TCWH)50
ns
Clock Pulse Width Low (TCWL)50
ns
Digital Output Drivers
Apply to pins: GPO1, GPO2
Output High Voltage (VOH)VCC-0.05
V
1mA load
VCC-0.50
V
10mA load
Output Low Voltage (VOL)0.05
V
1mA load
0.50
V
10mA load
Output Rise/Fall Time (TRFO)5
ns
26MHz Reference
Clock Input
Applies to CLKIN.
Frequency Range (FR)26
MHz
Input Level (VINR)600
mVP-P
AC-coupled mode
Input Impedance (ZINR)49kΩ//
480fF
Interface Voltage
VCC/2
V
Internal bias
Transient Startup Time
250
ns
Input High Voltage (VIH)0.7VCC
V
DC-coupled mode
Input Low Voltage (VIL)0.3VCC
V
DC-coupled mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com