Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2722 Datasheet HTML 9Page - RF Micro Devices RF2722 Datasheet HTML 10Page - RF Micro Devices RF2722 Datasheet HTML 11Page - RF Micro Devices RF2722 Datasheet HTML 12Page - RF Micro Devices RF2722 Datasheet HTML 13Page - RF Micro Devices RF2722 Datasheet HTML 14Page - RF Micro Devices RF2722 Datasheet HTML 15Page - RF Micro Devices RF2722 Datasheet HTML 16Page - RF Micro Devices RF2722 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
25
SSB
SDI enable input (active low).
26
SDI
SDI data input.
27
SCLK
SDI clock input.
28
CLK IN
Clock input for the DC offset correction system. A 26MHz clock must be
applied to this pin for proper operation of the DC offset correction system.
29
RX EN
Set to VCC to activate the IC. Set to GND to deactivate.
30
GPO1
General purpose digital output 1. Controlled via SDI programming.
31
GPO2
General purpose digital output 2. Controlled via SDI programming.
32
RX VCC
Supply for the LNA’s.
SSB
SDI
SCLK
CLK IN
RX EN
GPO1
GPO2
BIAS
RX VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com