Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2722 Datasheet HTML 3Page - RF Micro Devices RF2722 Datasheet HTML 4Page - RF Micro Devices RF2722 Datasheet HTML 5Page - RF Micro Devices RF2722 Datasheet HTML 6Page - RF Micro Devices RF2722 Datasheet HTML 7Page - RF Micro Devices RF2722 Datasheet HTML 8Page - RF Micro Devices RF2722 Datasheet HTML 9Page - RF Micro Devices RF2722 Datasheet HTML 10Page - RF Micro Devices RF2722 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Polyphase Filter
(4th Order)
VLIF Mode
Center Frequency
99.5
107.0
114.5
kHz
Half-Bandwidth
180
200
220
kHz
In-Band Ripple
0.35
dB
130kHz Half-Bandwidth
Group Delay
1.3
us
130kHz Half-Bandwidth
Integrated Attenuation
200kHz
5.0
dB
400kHz
23.0
dB
600kHz
38.0
dB
>600kHz
38.0
dB
I/Q Phase Error
1.0
1.8
°
Entire RX chain
I/Q Amplitude Error
0.1
0.25
dB
Entire RX chain
Output Capacitive Load
20
pF
Output Resistive Load
30
k
Ω
30k
Ω RF6001/3 RX A/D input impedance.
Maximum Output Voltage Swing
1
VP-P
Differential
Output Common Mode Voltage
1.23
1.26
1.29
V
Static DC Offset
-160
+160
mV
Uncorrected
Direct Conversion (DCR) Mode
Center Frequency
-7.5
0
+7.5
kHz
Half-Bandwidth
180
200
220
kHz
In-Band Ripple
0.35
dB
130kHz Half-Bandwidth
Group Delay
1.3
us
130kHz Half-Bandwidth
Integrated Attenuation
200kHz
5.0
dB
400kHz
23.0
dB
600kHz
38.0
dB
>600kHz
38.0
dB
I/Q Phase Error
1.0
1.8
°
Entire RX chain
I/Q Amplitude Error
0.1
0.25
dB
Entire RX chain
Output Capacitive Load
20
pF
Output Resistive Load
30
k
Ω
30k
Ω RF6001/3 RX A/D input impedance.
Maximum Output Voltage Swing
1
VP-P
Differential
Output Common Mode Voltage
1.20
1.23
1.26
V
DC Offset (Uncorrected)
-160
+160
mV
Uncorrected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com