Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 19 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 19 Page - RF Micro Devices

Back Button RF2722 Datasheet HTML 15Page - RF Micro Devices RF2722 Datasheet HTML 16Page - RF Micro Devices RF2722 Datasheet HTML 17Page - RF Micro Devices RF2722 Datasheet HTML 18Page - RF Micro Devices RF2722 Datasheet HTML 19Page - RF Micro Devices RF2722 Datasheet HTML 20Page - RF Micro Devices RF2722 Datasheet HTML 21Page - RF Micro Devices RF2722 Datasheet HTML 22Page - RF Micro Devices RF2722 Datasheet HTML 23Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
In TX mode the RF2722 can also switch to an alternate set of GPO settings defined by TRTXA at the rising edge of TX_EN pin
when TRTX_EN is programmed high. This functionality is used to redirect the T/R switch to RX mode during the synthesizer lock
time so that the PA output due to feed-through from the VCO will not violate the ETSI time-mask specification.
RX Mode
When RXEN rises, DC_TIME2 starts in the RF2722 and the part switches to the alternate GPO settings defined in TRDC. Once
the timer expires then the settings of the GPO's revert back to the originally programmed GPO SDI fields.
TX Mode
When TXEN rises, the RF2722 GPOs switch to the alternate GPO settings defined in TRTXA. When TXEN falls, the RF2722 GPO
settings revert back to the originally programmed GPO SDI fields.
Device Control and Programming
The Polaris RF2722 VLIF/DCR IC provides a serial interface for programming the control settings. The interface consists of
eight registers that are accessed individually via a six-bit address word. (Two registers are unused at this time and are included
for future expansion.) The register map is shown below. Each register plus the six address bits requires an 18-bit transfer
(except register CF, which has 18 bits and so requires a 24-bit transfer). Additional 'padding' bits can be added between the
address bits and the data bits, if longer transfer lengths are needed. Since the RF2722 will be most likely used with the
RF6001/3 then it is expected that six such padding bits will be used in each transfer to bring the total number of bits up to 24.
This will then match the programming width of the RF6001/3.
Address
Register
Description
100000
CRX1
AGC, standby modes, LO phase cal
100001
CRX2
DCOC and GPO
100010
CRX3
DCOC
100011
CRX4
DCOC
100100
CRX5
LNA, VCO, mixer current settings, Gain cal
100101
CF
Gain settings for the polyphase filters and LNA’s.
100110
Reserved
Reserved for future use.
100111
Reserved
Reserved for future use.
011111
Reset
Writing this address resets all SDI bits to their default states.
RXEN
DC_TIME2
TRDC
GPO1,2
GPO
TRTXA
GPO1,2
GPO
TX_EN
GPO1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com