Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2722 Datasheet HTML 1Page - RF Micro Devices RF2722 Datasheet HTML 2Page - RF Micro Devices RF2722 Datasheet HTML 3Page - RF Micro Devices RF2722 Datasheet HTML 4Page - RF Micro Devices RF2722 Datasheet HTML 5Page - RF Micro Devices RF2722 Datasheet HTML 6Page - RF Micro Devices RF2722 Datasheet HTML 7Page - RF Micro Devices RF2722 Datasheet HTML 8Page - RF Micro Devices RF2722 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Low Band (850/950MHz)
4.8
dB
-30-85°C, LNA_BYP=0
High Band (1850/1950MHz)
5.2
dB
-30-85°C, LNA_BYP=0
Noise Figure with 3MHz Blocker
Low Band (850/950MHz)
3.8
4.8
dB
+25°C; -26dBm at LNA input.
High Band (1800/1900MHz)
4.7
5.7
dB
+25°C; -29dBm at LNA input.
Cascaded IIP3
Low Band (850/950MHz)
-12
dBm
+25°C; LNA_BYP=0;
Interferers at 0.8MHz and 1.6MHz
High Band (1850/1950MHz)
-11
dBm
Low Band (850/950MHz)
-15
dBm
-30-85°C; LNA_BYP=0;
Interferers at 0.8MHz and 1.6MHz
High Band (1850/1950MHz)
-14
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com