Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2722 Datasheet HTML 5Page - RF Micro Devices RF2722 Datasheet HTML 6Page - RF Micro Devices RF2722 Datasheet HTML 7Page - RF Micro Devices RF2722 Datasheet HTML 8Page - RF Micro Devices RF2722 Datasheet HTML 9Page - RF Micro Devices RF2722 Datasheet HTML 10Page - RF Micro Devices RF2722 Datasheet HTML 11Page - RF Micro Devices RF2722 Datasheet HTML 12Page - RF Micro Devices RF2722 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
DC Offset Correction
Residual DC Error
-20
+20
mV
Following DC offset correction. Differential
measurement.
DC Correction Time
20
μs
DC Offset Drift Referred to the LNA
Input
-126
dBm
Max gain measured in a window 150
μs to
730
μs after RXEN is activated.
CLK IN Frequency
26
MHz
CLKF=0
TX Buffer
Low Band
Input Power
3
6
dBm
Saturated Output Power
6.6
7.7
8.8
dBm
PIN=+4dBm
Output Power Variation
-1.1
1.1
dB
DC Current Drain
5.2
7.2
9.3
mA
DC with no RF input
RF Current Drain
14
19.5
25
mA
PIN=+4dBm
Phase Noise
-167
dBc/Hz
20MHz offset
Input VSWR
3:1
PIN=+4dBm
Output VSWR
2:1
PIN=+4dBm
Load VSWR
3:1
PIN=+4dBm
Reverse Isolation
20
dB
TXEN=H
Forward Isolation
20
dB
TXEN=L
High Band
Input Power
3
6
dBm
Saturated Output Power
4.9
6.5
8.1
dBm
PIN=+4dBm
Output Power Variation
-1.6
1.6
dB
DC Current Drain
8
11
13.8
mA
DC with no RF input
RF Current Drain
18
24.5
32
mA
PIN=+4dBm
Phase Noise
-160
dBc/Hz
Input VSWR
3:1
PIN=+4dBm
Output VSWR
2:1
PIN=+4dBm
Load VSWR
3:1
PIN=+4dBm
Reverse Isolation
35
dB
TXEN=H
Forward Isolation
28
dB
TXEN=L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com