Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 22 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 22 Page - RF Micro Devices

Back Button RF2722 Datasheet HTML 18Page - RF Micro Devices RF2722 Datasheet HTML 19Page - RF Micro Devices RF2722 Datasheet HTML 20Page - RF Micro Devices RF2722 Datasheet HTML 21Page - RF Micro Devices RF2722 Datasheet HTML 22Page - RF Micro Devices RF2722 Datasheet HTML 23Page - RF Micro Devices RF2722 Datasheet HTML 24Page - RF Micro Devices RF2722 Datasheet HTML 25Page - RF Micro Devices RF2722 Datasheet HTML 26Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Receiver Configuration Register 3 (CRX3) - Address 100010
Receiver Configuration Register 4 (CRX4) - Address 100011
Receiver Configuration Register 5 (CRX5) - Address 100100
Polyphase Filter Gain Register (CF) - Address 100101
Programming Bits
# of Bits
Defaults
Description
CRX3(11:10)
reserved
00
Reserved
CRX3(9:2)
DC_TIME1
20H
Sets the number of 26MHz/16 clock cycles from activation until the RF2722 DCOC
system is frozen.
CRX3(1:0)
reserved
00
Reserved
Programming Bits
# of Bits
Defaults
Description
CRX4(11:10)
reserved
00
Reserved
CRX4(9:0)
DC_TIME2
124H
Sets the number of 26MHz/16 clock cycles from activation until the LNA’s and/or
the RX T/R switch are reactivated.
Programming Bits
# of Bits
Defaults
Description
CRX5(11:9)
Gain_Cal
011
I/Q Gain Calibration
CRX5(8:6)
Reserved
000
Reserved
CRX5(5:4)
Reserved
00
Reserved
CRX5(3:2)
LNA_CURR
10
These bits control the LNA current as shown below.
Low Band
High Band
00
11mA
13.2mA
01
12.8mA
15mA
10
14.6mA
16.9mA
11
16.4mA
18.7mA
CRX5(1:0)
MIX_CURR
10
These bits control the Mixer current as shown below.
00
12.5mA
01
13.5mA
10
14.4mA
11
15.6mA
Programming Bits
# of Bits
Defaults
Description
CF(17)
TX_HL
0
If programmed low, enables Cellular/GSM TX buffer. If programmed high, enables
PCS/DCS TX buffer.
CF(16)
TX_EN
0
If TX_SEL is set false, TX buffers are controlled by this bit.
CF(15:13)
LNA_SEL
101
Selects the active LNA.
000
LNA1 (US/GSM)
001
LNA2 (US/GSM)
010
LNA3 (DCS/PCS)
011
LNA4 (DCS/PCS)
100
All LNA’s off
101
All LNA’s off
CF(12)
VCOHL
0
If programmed low, divides the VCO by 2 and routes signal through
US Cellular/GSM filter path. If programmed high, the VCO signal is routed
through PCS/DCS filter path.
CF(11:8)
F_G1
0000
Selects the fine gain setting of the first pole of the filter. The gain in dB at the mid-
band (0Hz for DCR) is as shown below.
0000=11.6dB0001=12.6dB0010=13.6dB0011=14.6dB
0100=15.6dB0101=16.6dB0110=17.6dB0111=18.7dB
1000=3.5dB1001=4.5dB1010=5.5dB1011=6.5dB
1100=7.5dB1101=8.5dB1110=9.5dB1111=10.5dB
CF(7:6)
C_G1
11
Selects the coarse input attenuation setting of the first pole of the filter.
00=-13dB01=N/A10=-5.5dB11=0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com