Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2722 Datasheet HTML 1Page - RF Micro Devices RF2722 Datasheet HTML 2Page - RF Micro Devices RF2722 Datasheet HTML 3Page - RF Micro Devices RF2722 Datasheet HTML 4Page - RF Micro Devices RF2722 Datasheet HTML 5Page - RF Micro Devices RF2722 Datasheet HTML 6Page - RF Micro Devices RF2722 Datasheet HTML 7Page - RF Micro Devices RF2722 Datasheet HTML 8Page - RF Micro Devices RF2722 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +3.6
V
Storage Temperature
-40 to +150
°C
Input Voltage, any pin
3.6
V
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Operating Range
Temp=-30°C to +85°C, VCC=2.7V to 3.0V, all
specifications referenced to 50
Ω, unless spec-
ified differently.
Temperature (TOP)
-30
+85
°C
Frequency Range
GSM850 RX
869
894
MHz
Low Band
GSM850 TX
824
849
MHz
Low Band
EGSM RX
925
960
MHz
Low Band
EGSM TX
880
915
MHz
Low Band
DCS RX
1805
1880
MHz
High Band
DCS TX
1710
1785
MHz
High Band
PCS RX
1930
1990
MHz
High Band
PCS TX
1850
1910
MHz
High Band
Supply Voltage (VCC)
2.7
2.75
3.0
V
Pins 9 (MIXVCC), 10 (LOVCC),
16 (VCOVCC), 24(DIG/FLT VCC), and
32 (LNAVCC).
Power Down Current
10
μARX EN=0
Active Current
RX VLIF Mode
Low Band (850/950MHz)
64
77
91
mA
All circuits on, (LNA_CURR=10,
MIX_CURR=10)
High Band (1800/1900MHz)
63
76
90
mA
All circuits on, (LNA_CURR=00,
MIX_CURR=00)
RX DCR Mode
Low Band (850/950MHz)
62.5
75.5
89.5
mA
All circuits on, (LNA_CURR=10,
MIX_CURR=10)
High Band (1800/1900MHz)
61.5
74.5
88.5
mA
All circuits on, (LNA_CURR=00,
MIX_CURR=00)
TX Mode
Low Band (850/950MHz)
19.5
25
mA
VCC=2.8V, PIN=+4dBm
High Band (1800/1900MHz)
24.5
32
mA
Receiver System
Low side LO injection for all bands.
Except where noted, receiver specifications
defined from LNA input with I or Q channel dif-
ferential as output.
Cascaded Noise Figure
Low Band (850/950MHz)
2.8
dB
+25°C, LNA_BYP=0
High Band (1850/1950MHz)
3.2
dB
+25°C, LNA_BYP=0
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com