Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF2722 Datasheet HTML 12Page - RF Micro Devices RF2722 Datasheet HTML 13Page - RF Micro Devices RF2722 Datasheet HTML 14Page - RF Micro Devices RF2722 Datasheet HTML 15Page - RF Micro Devices RF2722 Datasheet HTML 16Page - RF Micro Devices RF2722 Datasheet HTML 17Page - RF Micro Devices RF2722 Datasheet HTML 18Page - RF Micro Devices RF2722 Datasheet HTML 19Page - RF Micro Devices RF2722 Datasheet HTML 20Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
GPO2
26 MHz Clock Input
RX Enable from RF6001/3 or RX Controller
GPO1
150
Ω EGSM or
GSM850 RF SAW
Filter
EGSM/GSM850
RF INPUT
100
Ω PCS or
DCS RF SAW Filter
PCS/DCS
RF INPUT
100
Ω DCS or
PCS RF SAW Filter
PCS/DCS
RF INPUT
V
CC
V
CC
4.7
μF
VBATT
2.2
μF
National LP2985
2.8 V Low-Dropout Regulator
or Equivalent
10 nF
V
CC
HB TXVCO Output from RF6001/3
TX EN
NOTE
If external PLL is used for RF2722 VCO Control, VTC must be manually
toggled to place the VCO in appropriate frequency range to achieve lock.
150
Ω EGSM or
GSM850 RF SAW
Filter
EGSM/GSM850
RF INPUT
To Serial Port
Controller
V
CC
LB TXVCO Output from RF6001/3
To RF31XX PA HB Input
To RF31XX PA LB Input
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
25
26
27
28
29
30
31
32
1
2
3
4
5
6
7
8
LNA3
LNA4
DC
Correct
Quadrature
Generator
LNA1
LNA2
Polyphase
Filter
Quadrature
Mixer
Serial
Data
Interface
To RF6001/3 or PLL
(See Note)
To RF6001/3 or
VLIF-to-Baseband
Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com