Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2722 Datasheet HTML 1Page - RF Micro Devices RF2722 Datasheet HTML 2Page - RF Micro Devices RF2722 Datasheet HTML 3Page - RF Micro Devices RF2722 Datasheet HTML 4Page - RF Micro Devices RF2722 Datasheet HTML 5Page - RF Micro Devices RF2722 Datasheet HTML 6Page - RF Micro Devices RF2722 Datasheet HTML 7Page - RF Micro Devices RF2722 Datasheet HTML 8Page - RF Micro Devices RF2722 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1 of 26
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
DIG/FLT VCC
LNA 2P
LNA 2N
LNA 3P
LNA 3N
LNA 4P
LNA 4N
TXB IN LB
QB OUT
Q OUT
IB OUT
I OUT
LNA 1P
LNA 1N
TXB IN HB
TX EN
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
25
26
27
28
29
30
31
32
1
2
3
4
5
6
7
8
LNA3
LNA4
DC
Correct
Quadrature
Generator
LNA1
LNA2
Polyphase
Filter
Quadrature
Mixer
Serial
Data
Interface
RF2722
GSM/GPRS/EDGE RECEIVER
The RF2722 is a highly-integrated receiver IC supporting GSM, GPRS, and EDGE
cellular standards in the GSM850, EGSM, DCS, and PCS bands. The RF2722 sup-
ports both very-low intermediate frequency (VLIF) as well as direct conversion
receive (DCR) architectures, reducing external component count and eliminating
the need for IF SAW and RF interstage filters without compromising performance.
The IC includes: four LNA’s for multi-band support; an integrated voltage controlled
oscillator (VCO); automatic gain control (AGC); a quadrature downconverting mixer;
and, low and high band transmit buffers. Chip functionality, including IF AGC set-
ting, is controlled through a three-wire serial data interface (SDI). The RF2722 is
part of the POLARISTM TOTAL RADIOTM solution.
Features
• GSM850, EGSM, DCS &
PCS Operation
• Supports Both VLIF & DCR
Modes
• Integrated RF VCO
• Integrated LNA’s Support
up to Four RF Bands
• EDGE Receive Compatible
Applications
• EGSM/DCS Handsets
• EGSM/DCS/PCS
Handsets
• GSM850/PCS Handsets
• GSM850/EGSM/DCS/PCS
Handsets
RF2722
GSM/GPRS/EDGE Receiver
RF2722PCBA-41X
Fully Assembled Evaluation Board
Rev A4 DS050919
Proposed
Part of the POLARISTM TOTAL RADIOTM Solution
RoHS Compliant & Pb-Free Product
Package Style: QFN, 32-Pin, 5x5


Similar Part No. - RF2722

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2722 RFMD-RF2722 Datasheet
39Kb / 2P
GSM/GPRS/EDGE RECEIVER Part of the POLARISTM TOTAL RADIOTM Solution
RF2722PCBA-41X RFMD-RF2722PCBA-41X Datasheet
39Kb / 2P
GSM/GPRS/EDGE RECEIVER Part of the POLARISTM TOTAL RADIOTM Solution
More results

Similar Description - RF2722

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2722 RFMD-RF2722 Datasheet
39Kb / 2P
GSM/GPRS/EDGE RECEIVER Part of the POLARISTM TOTAL RADIOTM Solution
logo
rfsolutions.ltd
GSM100LITE RFSOLUTIONS-GSM100LITE Datasheet
315Kb / 26P
GSM & GPRS MODEM
logo
Telit loT Solutions
GE310-GNSS TELIT-GE310-GNSS Datasheet
645Kb / 2P
GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
GSM | GPRS Embedded
GE910-QUAD TELIT-GE910-QUAD Datasheet
480Kb / 2P
GSM | GPRS Embedded
GE910-QUADV3 TELIT-GE910-QUADV3 Datasheet
174Kb / 2P
GSM | GPRS Embedded
GL865-DUALV3 TELIT-GL865-DUALV3 Datasheet
164Kb / 2P
GSM | GPRS Embedded
GL865-QUADV3 TELIT-GL865-QUADV3 Datasheet
164Kb / 2P
GSM | GPRS Embedded
GL865-QUADV4 TELIT-GL865-QUADV4 Datasheet
551Kb / 2P
GSM | GPRS Embedded
GL865V3.1 TELIT-GL865V3.1 Datasheet
284Kb / 2P
GSM | GPRS Embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com