Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 14 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 14 Page - RF Micro Devices

Back Button RF2722 Datasheet HTML 10Page - RF Micro Devices RF2722 Datasheet HTML 11Page - RF Micro Devices RF2722 Datasheet HTML 12Page - RF Micro Devices RF2722 Datasheet HTML 13Page - RF Micro Devices RF2722 Datasheet HTML 14Page - RF Micro Devices RF2722 Datasheet HTML 15Page - RF Micro Devices RF2722 Datasheet HTML 16Page - RF Micro Devices RF2722 Datasheet HTML 17Page - RF Micro Devices RF2722 Datasheet HTML 18Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Shaded lead is pin 1.
-B-
2.50 TYP.
2.37 TYP.
5.00 SQ.
-A-
3
2 PLCS
0.10 C A
2 PLCS
0.10 C B
4.75 SQ.
2 PLCS
0.10 C A
2 PLCS
0.10 C B
0.05
0.00
0.70
0.65
12°
MAX
-C-
SEATING
PLANE
0.90
0.85
0.05 C
0.50
3.45
3.15
SQ.
Pin 1 ID
R.20
0.50
0.30
2
0.30
0.18
0.60
0.24
TYP.
C A B
0.10 M
Dimensions in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com