Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2722 Datasheet(PDF) 20 Page - RF Micro Devices

Part # RF2722
Description  GSM/GPRS/EDGE RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2722 Datasheet(HTML) 20 Page - RF Micro Devices

Back Button RF2722 Datasheet HTML 16Page - RF Micro Devices RF2722 Datasheet HTML 17Page - RF Micro Devices RF2722 Datasheet HTML 18Page - RF Micro Devices RF2722 Datasheet HTML 19Page - RF Micro Devices RF2722 Datasheet HTML 20Page - RF Micro Devices RF2722 Datasheet HTML 21Page - RF Micro Devices RF2722 Datasheet HTML 22Page - RF Micro Devices RF2722 Datasheet HTML 23Page - RF Micro Devices RF2722 Datasheet HTML 24Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20 of 26
RF2722
Proposed
Rev A4 DS050919
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
At power up the SDI address 011111 should be written to set up the default reset states of all registers. Note that programmed
settings will be lost if power to the part is removed.
The figure below shows a timing diagram for the serial interface. The slave select (SS) pin is normally high. A serial transfer is
initiated by taking SS low. The address and data bits on the serial data in (SDI) pin are shifted in on rising edges of the serial
clock (SCLK) pin. Twelve data bits follow the four address bits. The data is latched and changes take effect on the rising edge
of SS. Refer to the Electrical Specifications for the timing requirements.
Tcwh
Tcwl
Tcs
Th
LSB
...
MSB
...
Tcs
Tsu
...
Tcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com