Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1305-2R2-R Datasheet(PDF) 18 Page - Microchip Technology

Part # HCF1305-2R2-R
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCF1305-2R2-R Datasheet(HTML) 18 Page - Microchip Technology

Back Button HCF1305-2R2-R Datasheet HTML 14Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 15Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 16Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 17Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 18Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 19Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 20Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 21Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
MIC24054
DS20007043B-page 18
2025-2026 Microchip Technology Inc. and its subsidiaries
4.4
VDD Regulator
The MIC24054 provides a 5V regulated output for input
voltage (VIN) ranging from 5.5V to 19V. When
VIN < 5.5V, VDD should be tied to the PVIN pins to
bypass the internal linear regulator.
4.5
Soft-Start
Soft-start reduces the power supply input surge current
at start-up by controlling the output voltage rise time.
The input surge appears while the output capacitor is
charged up. A slower output rise time draws a lower
input surge current.
The MIC24054 implements an internal digital soft-start
by making the 0.8V reference voltage (VREF) ramp
from 0% to 100% in about 3 ms with 9.7 mV steps.
Therefore, the output voltage is controlled to increase
slowly by a stair-case VFB ramp. Once the soft-start
cycle ends, the related circuitry is disabled to reduce
current consumption. VDD must be powered up at the
same time or after VIN to make the soft-start function
correctly.
4.6
Current Limit
The MIC24054 uses the RDS(ON) of the internal
low-side power MOSFET to sense overcurrent
conditions. This method avoids adding cost, board
space, and power losses taken by a discrete current
sense resistor. The low-side MOSFET is used because
it displays much lower parasitic oscillations during
switching than the high-side MOSFET.
In each switching cycle of the MIC24054 converter, the
inductor current is sensed by monitoring the low-side
MOSFET in the OFF period. If the inductor current is
greater than 14A, then the MIC24054 turns off the
high-side MOSFET and a soft-start sequence is
triggered. This mode of operation is called “hiccup
mode” and its purpose is to protect the downstream
load in case of a hard short. The load current-limit
threshold has a foldback characteristic related to the
feedback voltage as shown in Figure 4-4.
FIGURE 4-4:
Current-Limit Foldback
Characteristics.
4.7
Power Good (PG)
The Power Good (PG) pin is an open-drain output that
indicates logic-high when the output is nominally 92%
of its steady state voltage. A pull-up resistor of more
than 10 kΩ should be connected from PG to VDD.
4.8
MOSFET Gate Driver
The Functional Block Diagram shows a bootstrap
circuit, consisting of D1 (a Schottky diode is
recommended) and CBST. This circuit supplies energy
to the high-side drive circuit. Capacitor CBST is
charged, while the low-side MOSFET is on, and the
voltage on the SW pin is approximately 0V. When the
high-side MOSFET driver is turned on, energy from
CBST is used to turn the MOSFET on. As the high-side
MOSFET turns on, the voltage on the SW pin increases
to approximately VIN. Diode D1 is reverse-biased and
CBST floats high while continuing to keep the high-side
MOSFET on. The bias current of the high-side driver is
less than 10 mA, so a 0.1 μF to 1 μF is sufficient to hold
the gate voltage with minimal droop for the power
stroke (high-side switching) cycle (i.e. ΔBST = 10 mA x
1.67 μs/0.1 μF = 167 mV). When the low-side
MOSFET is turned back on, CBST is recharged through
D1. A small resistor RG, which is in series with CBST,
can be used to slow down the turn-on time of the
high-side N-channel MOSFET.
The drive voltage is derived from the VDD supply
voltage. The nominal low-side gate drive voltage is VDD
and the nominal high-side gate drive voltage is
approximately VDD – VDIODE, where VDIODE is the
voltage drop across D1. An approximate 30 ns delay
between the high-side and low-side driver transitions is
used to prevent current from simultaneously flowing
unimpeded through both MOSFETs.
0
4
8
12
16
20
0.0
0.2
0.4
0.6
0.8
1.0
FEEDBACK VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com