Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1305-2R2-R Datasheet(PDF) 32 Page - Microchip Technology

Part # HCF1305-2R2-R
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCF1305-2R2-R Datasheet(HTML) 32 Page - Microchip Technology

Back Button HCF1305-2R2-R Datasheet HTML 28Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 29Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 30Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 31Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 32Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 33Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 34Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 35Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
MIC24054
DS20007043B-page 32
2025-2026 Microchip Technology Inc. and its subsidiaries
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
3.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
28-Lead Very Thin Plastic Quad Flat, No Lead Package (PKA) - 5x6x0.9 mm Body [VQFN]
With Multiple Exposed Pads and Fused Terminals; Micrel Legacy QFN56-28LD-PL-1
Microchip Technology Drawing C04-1120 Rev A
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
L1
E
N
0.65 BSC
0.20 REF
2.90
0.35
0.25
0.00
0.80
0.30
0.40
2.95
0.02
0.85
6.00 BSC
MILLIMETERS
MIN
NOM
28
3.00
0.45
0.35
0.05
0.85
MAX
K1
0.25 REF
Terminal to Exposed Pad
Overall Length
Exposed Pad Length
D
D2
2.15
5.00 BSC
2.20
2.25
K2
0.575 REF
Body Edge to Exposed Pad
K3
0.035 REF
Exposed Pad to Exposed Pad
K4
0.40 REF
Exposed Pad Offset
Terminal Length
L2
0.45 REF
Terminal Length
L3
0.15 REF
Exposed Pad Width
E3
1.575
1.60
1.625
Exposed Pad Length
D3
1.35
1.40
1.45
Exposed Pad Length
D4
3.65
3.70
3.75
K5
0.35 REF
Exposed Pad to Exposed Pad
Exposed Pad Width
E4
2.45
Exposed Pad Width
E5
2.90
2.40
2.50
2.85
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com