Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1305-2R2-R Datasheet(PDF) 10 Page - Microchip Technology

Part # HCF1305-2R2-R
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCF1305-2R2-R Datasheet(HTML) 10 Page - Microchip Technology

Back Button HCF1305-2R2-R Datasheet HTML 6Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 7Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 8Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 9Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 10Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 11Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 12Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 13Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
MIC24054
DS20007043B-page 10
2025-2026 Microchip Technology Inc. and its subsidiaries
FIGURE 2-24:
Die Temperature* (VIN = 5V)
vs. Output Current.
FIGURE 2-25:
Die Temperature* (VIN =
12V) vs. Output Current.
FIGURE 2-26:
IC Power Dissipation
(VIN = 5V) vs. Output Current.
FIGURE 2-27:
IC Power Dissipation
(VIN = 12V) vs. Output Current.
FIGURE 2-28:
Efficiency (VIN = 5V) vs.
Output Current.
FIGURE 2-29:
Efficiency (VIN = 12V) vs.
Output Current.
*Die Temperature: The temperature measurement was taken at the hottest point on the MIC24054 case mounted on
a 5 square inch, 4 layer PCB, tested in ambient temperature of 23°C to 25°C in open space with no forced cooling; see
the Thermal Measurements section. Actual results will depend upon the size of the PCB, ambient temperature, and
proximity to other heat-emitting components.
0
20
40
60
01.534.567.59
OUTPUT
URRENT (A)
V
OUT = 1.8V
0
20
40
60
0123456789
OUTPUT
RRENT (A
V
OUT = 1.8V
0
0.5
1
1.5
2
2.5
3
3.5
01.53
4.567.59
OUTPUT CURRENT(A)
Vout=0.8V
Vout=3.3V
V
OUT = 0.8V
V
OUT =3.3V
0
0.5
1
1.5
2
2.5
3
3.5
01.534.567.59
OUTPUT CURRENT (A)
Vout=5V
Vout=0.8V
V
OUT = 0.8V
V
OUT =5V
50
55
60
65
70
75
80
85
90
95
100
02468
10
OUTPUT CURRENT (A)
0.8V
0.9V
1V
1.2V
1.5V
1.8V
2.5V
3.3V
50
55
60
65
70
75
80
85
90
95
100
02468
10
OUTPUT CURRENT (A)
0.8V
0.9V
1V
1.2V
1.5V
1.8V
2.5V
3.3V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com