Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1305-2R2-R Datasheet(PDF) 17 Page - Microchip Technology

Part # HCF1305-2R2-R
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCF1305-2R2-R Datasheet(HTML) 17 Page - Microchip Technology

Back Button HCF1305-2R2-R Datasheet HTML 13Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 14Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 15Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 16Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 17Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 18Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 19Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 20Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007043B-page 17
MIC24054
Figure 4-2 shows the operation of the MIC24054 during
a load transient. The output voltage drops due to the
sudden load increase, which causes the VFB to be less
than VREF. This will cause the error comparator to
trigger an ON-time period. At the end of the ON-time
period, a minimum OFF-time, tOFF(MIN), is generated to
charge CBST because the feedback voltage is still
below VREF. Then, the next ON-time period is triggered
due to the low feedback voltage. Therefore, the
switching frequency changes during the load transient,
but returns to the nominal fixed frequency once the
output has stabilized at the new load current level. With
the varying duty cycle and switching frequency, the
output recovery time is fast and the output voltage
deviation is small in MIC24054 converter.
FIGURE 4-2:
Load Transient Response.
Unlike true current-mode control, the MIC24054 uses
the output voltage ripple to trigger an ON-time period.
The output voltage ripple is proportional to the inductor
current ripple if the ESR of the output capacitor is large
enough. The MIC24054 control loop has the advantage
of eliminating the need for slope compensation.
In order to meet stability requirements, the MIC24054
feedback voltage ripple should be in phase with the
inductor current ripple and large enough to be sensed
by the gm amplifier and the error comparator. The
recommended
feedback
voltage
ripple
is
20 mV~100 mV. If a low-ESR output capacitor is
selected, then the feedback voltage ripple may be too
small to be sensed by the gm amplifier and the error
comparator. Also, the output voltage ripple and the
feedback voltage ripple are not necessarily in phase
with the inductor current ripple if the ESR of the output
capacitor is very low. In these cases, ripple injection is
required to ensure proper operation. Please refer to the
Ripple Injection section for more details about the
ripple injection technique.
4.3
Discontinuous Mode
In continuous mode, the inductor current is always
greater than zero; however, at light loads, the
MIC24054 is able to force the inductor current to
operate in discontinuous mode. Discontinuous mode is
where the inductor current falls to zero, as indicated by
trace (IL) shown in Figure 4-3. During this period, the
efficiency is optimized by shutting down all the
non-essential circuits and minimizing the supply
current. The MIC24054 wakes up and turns on the
high-side MOSFET when the feedback voltage (VFB)
drops below 0.8V.
The MIC24054 has a zero crossing comparator that
monitors the inductor current by sensing the voltage
drop across the low-side MOSFET during its ON-time.
If the VFB > 0.8V and the inductor current goes slightly
negative, then the MIC24054 automatically powers
down most of the IC circuitry and goes into a low-power
mode.
Once the MIC24054 goes into discontinuous mode,
both LSD and HSD are low, which turns off the
high-side and low-side MOSFETs. The load current is
supplied by the output capacitors and VOUT drops. If
the drop of VOUT causes VFB to go below VREF, then all
the circuits will wake up into normal continuous mode.
First, the bias currents of most circuits reduced during
the discontinuous mode are restored, then a tON pulse
is triggered before the drivers are turned on to avoid
any possible glitches. Finally, the high-side driver is
turned on. Figure 4-3 shows the control loop timing in
discontinuous mode.
FIGURE 4-3:
Control Loop Timing
(Discontinuous Mode).
During discontinuous mode, the bias current of most
circuits are reduced. As a result, the total power supply
current during discontinuous mode is only about
450 µA, allowing the MIC24054 to achieve high
efficiency in light load applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com