Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1305-2R2-R Datasheet(PDF) 31 Page - Microchip Technology

Part # HCF1305-2R2-R
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCF1305-2R2-R Datasheet(HTML) 31 Page - Microchip Technology

Back Button HCF1305-2R2-R Datasheet HTML 27Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 28Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 29Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 30Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 31Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 32Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 33Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 34Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007043B-page 31
MIC24054
B
A
0.05 C
0.05 C
0.07
C A B
0.05
C
C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
0.10 C
0.08 C
Sheet 1 of 2
2X
28X
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
28-Lead Very Thin Plastic Quad Flat, No Lead Package (PKA) - 5x6x0.9 mm Body [VQFN]
With Multiple Exposed Pads and Fused Terminals; Micrel Legacy QFN56-28LD-PL-1
SEATING
PLANE
Microchip Technology Drawing C04-1120 Rev A
(DATUM A)
(DATUM B)
NOTE 1
NOTE 1
D
E
A1
(A3)
A
e
28X b
D4
E3
(K4)
(K5)
(K3)
D3
D2
(K4)
(K2)
E2
(L2)
(K1)
(L3)
L1
1
2
3
N
1
2
3
N
e
2
E5
E4
D4 0.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com