Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1305-2R2-R Datasheet(PDF) 21 Page - Microchip Technology

Part # HCF1305-2R2-R
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCF1305-2R2-R Datasheet(HTML) 21 Page - Microchip Technology

Back Button HCF1305-2R2-R Datasheet HTML 17Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 18Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 19Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 20Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 21Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 22Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 23Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 24Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007043B-page 21
MIC24054
5.4
Ripple Injection
The VFB ripple required for proper operation of the
MIC24054 gm amplifier and error comparator is 20 mV
to 100 mV. However, the output voltage ripple is
generally designed as 1% to 2% of the output voltage.
For a low output voltage, such as a 1V, the output
voltage ripple is only 10 mV to 20 mV, and the feedback
voltage ripple is less than 20 mV. If the feedback
voltage ripple is so small that the gm amplifier and error
comparator can’t sense it, then the MIC24054 will lose
control and the output voltage is not regulated. In order
to have some amount of VFB ripple, a ripple injection
method is applied for low output voltage ripple
applications.
The applications are divided into three situations
according to the amount of the feedback voltage ripple:
1. Enough ripple at the feedback voltage due to the
large ESR of the output capacitors.
As shown in Figure 5-1, the converter is stable without
any ripple injection. The feedback voltage ripple is:
EQUATION 5-14:
FIGURE 5-1:
Enough Ripple at FB.
2. Inadequate ripple at the feedback voltage due to
the small ESR of the output capacitors.
The output voltage ripple is fed into the FB pin through
a feed-forward capacitor (CFF) in this situation, as
shown in Figure 5-2. The typical CFF value is between
1 nF and 100 nF. With the feed-forward capacitor, the
feedback voltage ripple is very close to the output
voltage ripple:
EQUATION 5-15:
FIGURE 5-2:
Inadequate Ripple at FB.
3. Virtually no ripple at the FB pin voltage due to
the very low ESR of the output capacitors.
In this situation, the output voltage ripple is less than
20 mV. Therefore, additional ripple is injected into the
FB pin from the switching node SW via a resistor Rinj
and a capacitor Cinj, as shown in Figure 5-3. The
injected ripple is:
EQUATION 5-16:
EQUATION 5-17:
FIGURE 5-3:
Invisible Ripple at FB.
In Equation 5-16 and Equation 5-17, it is assumed that
the time constant associated with CFF must be much
greater than the switching period:
EQUATION 5-18:
VFB PP
R
2
R
1 R2
+
--------------------- ESRCOUT
IL PP
=
Where:
ΔIL(PP) = Peak-to-peak inductor current ripple
VFB PP
ESR
IL PP
VFB PP
=
VIN KDIV
D
1 D
–
1
fSW 
-----------------
Where:
VIN = Power stage input voltage
D = Duty cycle
fSW = Switching frequency
τ = (R1//R2//Rinj) × CFF
KDIV
R1//R2
Rinj R1//R2
+
----------------------------------
=
1
fSW 
-----------------
T
--- 1
«
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com