Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1305-2R2-R Datasheet(PDF) 16 Page - Microchip Technology

Part # HCF1305-2R2-R
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCF1305-2R2-R Datasheet(HTML) 16 Page - Microchip Technology

Back Button HCF1305-2R2-R Datasheet HTML 12Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 13Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 14Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 15Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 16Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 17Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 18Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 19Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
MIC24054
DS20007043B-page 16
2025-2026 Microchip Technology Inc. and its subsidiaries
4.0
FUNCTIONAL DESCRIPTION
The MIC24054 is an adaptive ON-time synchronous
step-down DC/DC regulator with an internal 5V linear
regulator and a Power Good (PG) output. It is designed
to operate over a wide input voltage range from 4.5V to
19V and provides a regulated output voltage at up to 9A
of output current. An adaptive ON-time control scheme
is employed in to obtain a constant switching frequency
and to simplify the control compensation. Overcurrent
protection is implemented without the use of an
external sense resistor. The device includes an internal
soft-start function that reduces the power supply input
surge current at start-up by controlling the output
voltage rise time.
4.1
Theory of Operation
The MIC24054 is able to operate in either continuous
mode or discontinuous mode. The operating mode is
determined by the output of the Zero Cross comparator
(ZC) as shown in the Functional Block Diagram.
4.2
Continuous Mode
In continuous mode, the output voltage is sensed by
the MIC24054 feedback pin (FB) via the voltage divider
R1 and R2, and compared to a 0.8V reference voltage
VREF at the error comparator through a low gain
transconductance (gm) amplifier. If the feedback
voltage decreases and the output of the gm amplifier is
below 0.8V, then the error comparator will trigger the
control logic and generate an ON-time period. The
ON-time period length is predetermined by the “Fixed
tON Estimation” circuitry:
EQUATION 4-1:
At the end of the ON-time period, the internal high-side
driver turns off the high-side MOSFET and the low-side
driver turns on the low-side MOSFET. The OFF-time
period length depends upon the feedback voltage in
most cases. When the feedback voltage decreases
and the output of the gm amplifier is below 0.8V, the
ON-time period is triggered and the OFF-time period
ends. If the OFF-time period determined by the
feedback voltage is less than the minimum OFF-time
tOFF(MIN), which is about 300 ns, the MIC24054 control
logic will apply the tOFF(MIN) instead. tOFF(MIN) is
required to maintain enough energy in the boost
capacitor (CBST) to drive the high-side MOSFET.
The maximum duty cycle is obtained from the 300 ns
tOFF(MIN):
EQUATION 4-2:
It is not recommended to use MIC24054 with a
OFF-time close to tOFF(MIN) during steady-state
operation. Also, as VOUT increases, the internal ripple
injection will increase and reduce the line regulation
performance. Therefore, the maximum output voltage
of the MIC24054 should be limited to 5.5V and the
maximum external ripple injection should be limited to
200 mV. Please refer to the Setting Output Voltage
section for more details.
The actual ON-time and resulting switching frequency
will vary with the part-to-part variation in the rise and fall
times of the internal MOSFETs, the output load current,
and variations in the VDD voltage. Also, the minimum
tON results in a lower switching frequency in high VIN to
VOUT applications, such as 18V to 1.0V. The minimum
tON measured on the MIC24054 evaluation board is
about 100 ns. During load transients, the switching
frequency is changed due to the varying OFF-time.
To illustrate the control loop operation, we will analyze
both the steady-state and load transient scenarios.
Figure 4-1 shows the MIC24054 control loop timing
during steady-state operation. During steady-state, the
gm amplifier senses the feedback voltage ripple, which
is proportional to the output voltage ripple and the
inductor current ripple, to trigger the ON-time period.
The ON-time is predetermined by the tON estimator.
The termination of the OFF-time is controlled by the
feedback voltage. At the valley of the feedback voltage
ripple, which occurs when VFB falls below VREF, the
OFF period ends and the next ON-time period is
triggered through the control logic circuitry.
FIGURE 4-1:
Control Loop Timing.
tON ESTIMATED
VOUT
VIN 600kHz
-----------------------------------
=
Where:
VOUT = The desired output voltage.
VIN = The power stage input voltage.
DMAX
tS tOFF MIN
–
tS
-----------------------------------
1 300ns
tS
----------------
–
=
=
Where:
tS = 1/600 kHz = 1.66 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com