Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1305-2R2-R Datasheet(PDF) 9 Page - Microchip Technology

Part # HCF1305-2R2-R
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCF1305-2R2-R Datasheet(HTML) 9 Page - Microchip Technology

Back Button HCF1305-2R2-R Datasheet HTML 5Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 6Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 7Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 8Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 9Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 10Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 11Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 12Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007043B-page 9
MIC24054
FIGURE 2-19:
Feedback Voltage vs.
Output Current.
FIGURE 2-20:
Output Voltage vs. Output
Current.
FIGURE 2-21:
Line Regulation vs. Output
Current.
FIGURE 2-22:
Switching Frequency vs.
Output Current.
FIGURE 2-23:
Output Voltage (VIN = 5V)
vs. Output Current.
0.792
0.796
0.800
0.804
0.808
0
1.5
3
4.5
6
7.5
9
OUTPUT CURRENT (A)
VIN = 12V
VOUT = 1.8V
1.782
1.787
1.791
1.796
1.800
1.805
1.810
1.814
1.819
01.5
34.5
6
7.5
9
OUTPUT CURRENT (A)
VIN = 12V
VOUT = 1.8V
-1.0%
-0.5%
0.0%
0.5%
1.0%
01.5
34.567.5
9
OUTPUT CURRENT (A)
VIN = 4.5V to 19V
VOUT = 1.8V
450
500
550
600
650
2468
10
OUTPUT CURRENT (A)
3.0
3.4
3.8
4.2
4.6
5.0
0246
8
10
12
OUTPUT CURRENT (A)
TA
25ºC
85ºC
125ºC
VIN = 5V
VFB < 0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com