Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1305-2R2-R Datasheet(PDF) 26 Page - Microchip Technology

Part # HCF1305-2R2-R
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCF1305-2R2-R Datasheet(HTML) 26 Page - Microchip Technology

Back Button HCF1305-2R2-R Datasheet HTML 22Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 23Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 24Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 25Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 26Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 27Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 28Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 29Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
MIC24054
DS20007043B-page 26
2025-2026 Microchip Technology Inc. and its subsidiaries
FIGURE 7-2:
Schematic of MIC24054 Evaluation Board (J11, R13, R15 are for Testing Purposes)
Optimized for Smaller Footprint.
TABLE 7-1:
BILL OF MATERIALS
Item
Part Number
Manufacturer
Description
Qty.
C1
Open
—
—
—
C2, C3
12103C475KAT2A
AVX
4.7 µF Ceramic Capacitor, X7R, Size
1210, 25V
2
GRM32DR71E475KA61K
Murata
C3225X7R1E475K
TDK
C13, C15
Open
—
—
—
C4, C5
12106D107MAT2A
AVX
100 µF Ceramic Capacitor, X5R, Size
1210, 6.3V
2
GRM32ER60J107ME20L
Murata
C3225X5R0J107M
TDK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com