Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1305-2R2-R Datasheet(PDF) 13 Page - Microchip Technology

Part # HCF1305-2R2-R
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCF1305-2R2-R Datasheet(HTML) 13 Page - Microchip Technology

Back Button HCF1305-2R2-R Datasheet HTML 9Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 10Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 11Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 12Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 13Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 14Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 15Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 16Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007043B-page 13
MIC24054
FIGURE 2-42:
Power-Up into Short Circuit.
FIGURE 2-43:
Enabled into Short.
FIGURE 2-44:
Short Circuit.
FIGURE 2-45:
Output Recovery from Short
Circuit.
FIGURE 2-46:
Output Current-Limit
Threshold.
FIGURE 2-47:
Output Recovery Time from
Thermal Shutdown.
V
IN = 12V
V
OUT = 1.8V
I
OUT = 5A
Time (5ms/div)
V
OUT
(1V/div)
I
L
(5A/div)
V
IN = 12V
V
OUT = 1.8V
Time (1ms/div)
V
OUT
(1V/div)
I
OUT
(5A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com