Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1305-2R2-R Datasheet(PDF) 27 Page - Microchip Technology

Part # HCF1305-2R2-R
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCF1305-2R2-R Datasheet(HTML) 27 Page - Microchip Technology

Back Button HCF1305-2R2-R Datasheet HTML 23Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 24Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 25Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 26Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 27Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 28Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 29Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 30Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
2025-2026 Microchip Technology Inc. and its subsidiaries
DS20007043B-page 27
MIC24054
C6, C7, C10
06035C104KAT2A
AVX
0.1 µF Ceramic Capacitor, X7R, Size
0603, 50V
3
GRM188R71H104KA93D
Murata
C1608X7R1H104K
TDK
C8
0603ZC105KAT2A
AVX
1.0 µF Ceramic Capacitor, X7R, Size
0603, 10V
1
GRM188R71A105KA61D
Murata
C1608X7R1A105K
TDK
C9
0603ZD225KAT2A
AVX
2.2 µF Ceramic Capacitor, X5R, Size
0603, 10V
1
GRM188R61A225KE34D
Murata
C1608X5R1A225K
TDK
C12
06035C472KAZ2A
AVX
4.7 nF Ceramic Capacitor, X7R, Size
0603, 50V
1
GRM188R71H472K
Murata
C1608X7R1H472K
TDK
C14
B41851F7227M
EPCOS
220 µF Aluminum Capacitor, 35V
1
C11, C16
Open
—
—
—
D1
SD103AWS
MCC
40V, 350 mA, Schottky Diode, SOD323
1
SD103AWS-7
Diodes Inc.
SD103AWS
Vishay
L1
HCF1305-2R2-R
Cooper Bussmann 2.2 µH Inductor, 15A Saturation Current
1
R1
CRCW06032R21FKEA
Vishay Dale
2.21Ω Resistor, Size 0603, 1%
1
R2
CRCW06032R00FKEA
Vishay Dale
2.00Ω Resistor, Size 0603, 1%
1
R3
CRCW060319K6FKEA
Vishay Dale
19.6 kΩ Resistor, Size 0603, 1%
1
R4
CRCW06032K49FKEA
Vishay Dale
2.49 kΩ Resistor, Size 0603, 1%
1
R5
CRCW060320K0FKEA
Vishay Dale
20.0 kΩ Resistor, Size 0603, 1%
3
R6, R14, R17 CRCW060310K0FKEA
Vishay Dale
10.0 kΩ Resistor, Size 0603, 1%
1
R7
CRCW06034K99FKEA
Vishay Dale
4.99 kΩ Resistor, Size 0603, 1%
1
R8
CRCW06032K87FKEA
Vishay Dale
2.87 kΩ Resistor, Size 0603, 1%
1
R9
CRCW06032K006FKEA
Vishay Dale
2.00 kΩ Resistor, Size 0603, 1%
1
R10
CRCW06031K18FKEA
Vishay Dale
1.18 kΩ Resistor, Size 0603, 1%
1
R11
CRCW0603806RFKEA
Vishay Dale
806Ω Resistor, Size 0603, 1%
1
R12
CRCW0603475RFKEA
Vishay Dale
475Ω Resistor, Size 0603, 1%
1
R13
CRCW06030000FKEA
Vishay Dale
0Ω Resistor, Size 0603, 5%
1
R15
CRCW060349R9FKEA
Vishay Dale
49.9Ω Resistor, Size 0603, 1%
1
R16, R18
CRCW06031R21FKEA
Vishay Dale
1.21Ω Resistor, Size 0603, 1%
2
R20
Open
—
—
—
All Reference
designators
ending with
“A”
Open
—
—
—
U1
MIC24054YJL
Microchip
Technology Inc.
12V, 9A High-Efficiency Buck Regulator
1
TABLE 7-1:
BILL OF MATERIALS (CONTINUED)
Item
Part Number
Manufacturer
Description
Qty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com