Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF1305-2R2-R Datasheet(PDF) 24 Page - Microchip Technology

Part # HCF1305-2R2-R
Description  12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCF1305-2R2-R Datasheet(HTML) 24 Page - Microchip Technology

Back Button HCF1305-2R2-R Datasheet HTML 20Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 21Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 22Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 23Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 24Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 25Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 26Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 27Page - Microchip Technology HCF1305-2R2-R Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
MIC24054
DS20007043B-page 24
2025-2026 Microchip Technology Inc. and its subsidiaries
6.0
PCB LAYOUT GUIDELINES
PCB layout is critical to achieve reliable, stable, and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power,
signal and return paths.
To minimize EMI and output noise, the following
guidelines should be followed to ensure proper
operation of the MIC24054.
6.1
IC
• A 2.2 μF ceramic capacitor, which is connected to
the PVDD pin, must be located right at the IC. The
PVDD pin is very noise sensitive and placement
of the capacitor is very critical. Use wide traces to
connect to the PVDD and PGND pins.
• A 1 μF ceramic capacitor must be placed right
between VDD and the signal ground SGND. The
SGND pin must be connected directly to the
ground planes. Do not route the SGND pin to the
PGND Pad on the top layer.
• Place the IC close to the point-of-load (POL).
• Use wide traces to route the input and output
power lines.
• Signal and power grounds should be kept
separate and connected at only one location.
6.2
Input Capacitor
• Place the input capacitors on the same side of the
board and as close to the IC as possible.
• Keep both the PVIN pin and PGND connections
short.
• Place several vias to the ground plane close to
the input capacitor ground terminal.
• Use either X7R or X5R dielectric input capacitors.
Do not use Y5V or Z5U type capacitors.
• Do not replace the ceramic input capacitor with
any other type of capacitor. Any type of capacitor
can be placed in parallel with the input capacitor.
• If a Tantalum input capacitor is placed in parallel
with the input capacitor, it must be recommended
for switching regulator applications and the
operating voltage must be derated by 50%.
• In “Hot-Plug” applications, a Tantalum or
Electrolytic bypass capacitor must be used to limit
the overvoltage spike seen on the input supply
with power is suddenly applied.
6.3
Inductor
• Keep the inductor connection to the switch node
(SW) short.
• Do not route any digital lines underneath or close
to the inductor.
• Keep the switch node (SW) away from the
feedback (FB) pin.
• The CS pin should be connected directly to the
SW pin to accurate sense the voltage across the
low-side MOSFET.
• To minimize noise, place a ground plane
underneath the inductor.
• The inductor can be placed on the opposite side
of the PCB with respect to the IC. It does not
matter whether the IC or inductor is on the top or
bottom as long as there is enough air flow to keep
the power components within their temperature
limits. The input and output capacitors must be
placed on the same side of the board as the IC.
6.4
Output Capacitor
• Use a wide trace to connect the output capacitor
ground terminal to the input capacitor ground
terminal.
• Phase margin will change as the output capacitor
value and ESR changes. Contact the factory if the
output capacitor is different from what is shown in
the BOM.
• The feedback trace should be separate from the
power trace and connected as close as possible
to the output capacitor. Sensing a long high
current load trace can degrade the DC load
regulation.
6.5
Optional RC Snubber
• Place the RC snubber on either side of the board
and as close to the SW pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com