Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D Datasheet(PDF) 18 Page - Microchip Technology

Part # LAN8808D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D Datasheet(HTML) 18 Page - Microchip Technology

Back Button LAN8808D Datasheet HTML 14Page - Microchip Technology LAN8808D Datasheet HTML 15Page - Microchip Technology LAN8808D Datasheet HTML 16Page - Microchip Technology LAN8808D Datasheet HTML 17Page - Microchip Technology LAN8808D Datasheet HTML 18Page - Microchip Technology LAN8808D Datasheet HTML 19Page - Microchip Technology LAN8808D Datasheet HTML 20Page - Microchip Technology LAN8808D Datasheet HTML 21Page - Microchip Technology LAN8808D Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
LAN8808D
DS00005833C-page 18
© 2026 Microchip Technology Inc. and its subsidiaries
Reference Clock
Select
REF_CLK_SEL1
VIS
This pin controls reference clock selection of the System PLL
and QSGMII SerDes MPLL.
0: SYSPLL and QSGMII both reference 25 MHz (single-ended
external reference) from XI (not recommended)
1: SYSPLL and QSGMII both reference 125 MHz (differential
external reference) from CK125_REF_INP/M (recommended
for best QSGMII performance)
Note:
This is a live pin, not a configuration strap, and must
be permanently tied high/low.
Note:
XI is a 25 MHz external clock. CK125_REF_INP/M
is a 125 MHz external clock.
SerDes Bias
Resistor
RES_REF
AI
This pin must be connected to ground through a 200Ω 1%
100 ppm/
C resistor.
PHY Bias Resistor
ISET
AI
This pin must be connected to ground through a 6.04 kΩ 1%
resistor.
Test Mode
TEST_MODE
VIS
For normal operation, this pin must be pulled-down to ground.
TABLE 3-6:
JTAG PINS
Name
Symbol
Buffer
Type
Description
JTAG Mux Select
TMS
SRL
JTAG test mode select
JTAG Clock
TCK
SRL
JTAG test clock
JTAG Data Input
TDI
SRL
JTAG data input
JTAG Data
Output
TDO
SRL
JTAG data output
TABLE 3-7:
CONFIGURATION STRAP INPUT PINS
Name
Symbol
Buffer
Type
Description
PHY Base
Address
Configuration
Straps
PHYAD[4:0]
VIS
Configures the PHY Management base address, used with
MDIO bus transactions. The PHY base address, PHYAD[4:0],
is sampled and latched at power-up/reset and is configurable
to any value from 0 to 1Fh. Each PHY address bit is configured
as follows:
Pulled-up = 1
Pulled-down = 0
The addresses of each of the 4 PHYs are the base value, as
defined by PHYAD[4:0], plus offsets of 0, 1, 2 and 3. Refer to
Section 3.3.2, "PHY Address (PHYAD[4:0])" for additional
information.
Note:
PHYAD[4:0] must never be greater than ‘h1C.
TABLE 3-5:
MISCELLANEOUS PINS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com