Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D Datasheet(PDF) 15 Page - Microchip Technology

Part # LAN8808D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D Datasheet(HTML) 15 Page - Microchip Technology

Back Button LAN8808D Datasheet HTML 11Page - Microchip Technology LAN8808D Datasheet HTML 12Page - Microchip Technology LAN8808D Datasheet HTML 13Page - Microchip Technology LAN8808D Datasheet HTML 14Page - Microchip Technology LAN8808D Datasheet HTML 15Page - Microchip Technology LAN8808D Datasheet HTML 16Page - Microchip Technology LAN8808D Datasheet HTML 17Page - Microchip Technology LAN8808D Datasheet HTML 18Page - Microchip Technology LAN8808D Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
LAN8808D
© 2026 Microchip Technology Inc. and its subsidiaries
DS00005833C-page 15
Ethernet Port 3
TX/RX Negative
Channel C
TX_RXN_C_3
AIO
Port 3 Channel C negative signal of differential pair
Ethernet Port 3
TX/RX Positive
Channel D
TX_RXP_D_3
AIO
Port 3 Channel D positive signal of differential pair
Ethernet Port 3
TX/RX Negative
Channel D
TX_RXN_D_3
AIO
Port 3 Channel D negative signal of differential pair
TABLE 3-3:
QSGMII INTERFACE PINS
Name
Symbol
Buffer
Type
Description
QSGMII Transmit-
ter Output Positive
QSGMII_TXP
AO
QSGMII PHY to MAC positive signal of differential pair
QSGMII Transmit-
ter Output Nega-
tive
QSGMII_TXN
AO
QSGMII PHY to MAC negative signal of differential pair
QSGMII Receiver
Input Positive
QSGMII_RXP
AI
QSGMII MAC to PHY positive signal of differential pair
QSGMII Receiver
Input Negative
QSGMII_RXN
AI
QSGMII MAC to PHY negative signal of differential pair
TABLE 3-4:
SYSTEM CLOCK PINS
Name
Symbol
Buffer
Type
Description
System
Reference Clock
Input
XI
ICLK
The System Reference Clock can be input from XI (25 MHz
single-ended) or CK125_REF_INP/M (125 MHz differential) as
determined by REF_CLK_SEL1. Refer to REF_CLK_SEL1 for
additional information.
125 MHz differential clock reference is recommended for best
QSGMII performance.
System
Reference Clock
Input Positive
CK125_REF_INP
LVDS1
The System Reference Clock can be input from XI (25 MHz
single-ended) or CK125_REF_INP/M (125 MHz differential) as
determined by REF_CLK_SEL1. Refer to REF_CLK_SEL1 for
additional information.
125 MHz differential clock reference is recommended for best
QSGMII performance.
System
Reference Clock
Input Negative
CK125_REF_INM
LVDS1
The System Reference Clock can be input from XI (25 MHz
single-ended) or CK125_REF_INP/M (125 MHz differential) as
determined by REF_CLK_SEL1. Refer to REF_CLK_SEL1 for
additional information.
125 MHz differential clock reference is recommended for best
QSGMII performance.
TABLE 3-2:
ETHERNET MEDIA INTERFACE PINS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com