Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D Datasheet(PDF) 24 Page - Microchip Technology

Part # LAN8808D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D Datasheet(HTML) 24 Page - Microchip Technology

Back Button LAN8808D Datasheet HTML 20Page - Microchip Technology LAN8808D Datasheet HTML 21Page - Microchip Technology LAN8808D Datasheet HTML 22Page - Microchip Technology LAN8808D Datasheet HTML 23Page - Microchip Technology LAN8808D Datasheet HTML 24Page - Microchip Technology LAN8808D Datasheet HTML 25Page - Microchip Technology LAN8808D Datasheet HTML 26Page - Microchip Technology LAN8808D Datasheet HTML 27Page - Microchip Technology LAN8808D Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
LAN8808D
DS00005833C-page 24
© 2026 Microchip Technology Inc. and its subsidiaries
4.0
DEVICE CONNECTIONS
The following example device connection information and diagrams are included in this section:
• Power Connections
• QSGMII MAC Interface
• Ethernet Media Interface
4.1
Power Connections
Figure 4-1 illustrates the device power connections.
FIGURE 4-1:
POWER CONNECTIONS
VDDIO
Digital
I/O
VDDIO_1
VDDCORE
+1.8V,
+2.5V,
+3.3V
+1.21V
ISET
PVT Monitor
QSGMII
Serdes
(5 pins)
VDDAL_TXL_SERDES
VDDAH_SERDES
VDDAH_PLL_PTP
Common
Analog
VDDAH_COMMON
+2.5V
GPHY Port 0
VDDAL_ADC_AB_P0
VDDAH_P0
GPHY Port 1
VDDAL_ADC_AB_P1
VDDAH_P1
GPHY Port 2
VDDAL_ADC_AB_P2
VDDAH_P2
GPHY Port 3
VDDAL_ADC_AB_P3
VDDAH_P3
RES_REF
VDDAL_COMMON
VDDAL_CK125
P_VSS
(2 pins)
(5 pins)
(ePad)
22uF
0.1uF
100Ω
VSS_CK125
+2.5V
VDDAL_ADC_CD_P0
VDDAL_ADC_CD_P1
VDDAL_ADC_CD_P2
VDDAL_ADC_CD_P3
PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com