Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D Datasheet(PDF) 76 Page - Microchip Technology

Part # LAN8808D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D Datasheet(HTML) 76 Page - Microchip Technology

Back Button LAN8808D Datasheet HTML 72Page - Microchip Technology LAN8808D Datasheet HTML 73Page - Microchip Technology LAN8808D Datasheet HTML 74Page - Microchip Technology LAN8808D Datasheet HTML 75Page - Microchip Technology LAN8808D Datasheet HTML 76Page - Microchip Technology LAN8808D Datasheet HTML 77Page - Microchip Technology LAN8808D Datasheet HTML 78Page - Microchip Technology LAN8808D Datasheet HTML 79Page - Microchip Technology LAN8808D Datasheet HTML 80Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
LAN8808D
DS00005833C-page 76
© 2026 Microchip Technology Inc. and its subsidiaries
APPENDIX A: DOCUMENT REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision
Section/Figure/Entry
Correction
DS00005833C (01-23-26)
Throughout document.
Part number updated to reflect D0 silicon revision.
Figure 7-1, "100-VQFN
Package (Drawing)",
Figure 7-2, "100-VQFN
Package (Dimensions)",
Figure 7-3, "100-VQFN
Package (Land Pattern)"
Updated Package Drawings
Section 5.6.3, "Auto-Down-
shift"
Added new Auto-Downshift section.
Section 6.3, "Power Con-
sumption"
Power consumption values updated for D0 silicon
revision. All previous device mode condition mea-
surement criteria remains the same. Tables for both
“Minimum”
and
“Worst-Case”
measurements
replaced with “Typical” power consumption tables.
Section 7.1, "Top Marking"
Added Top Marking section.
DS00005833B (06-26-25)
Throughout document.
• Changed “Commercial temperature range (0°
to +85°C)” to “Commercial temperature range
(0° to +70°C)”
• Removed information related to “Crystal” refer-
ence clock input
• Removed context related to “VDDAH_x =
3.3V”
Section 3.2, "Pin Descrip-
tions", Table 3-4
Added to clock pin descriptions “125 MHz differen-
tial clock reference is recommended for best
QSGMII performance.”
Section 3.3.1, "Device Mode
Select (MODE_SEL[4:0])"
Removed note “MODE_SEL [4:0] definitions are
preliminary and subject to change.”
Section 5.9, "IEEE 802.3-
2018 Frame Preemption"
Removed “(no PCH/MCH header)”
Section 5.14.2, "All PHYs
Address"
Removed “The ALLPHYAD configuration strap
can also be used to set the default of the All-
PHYAD Enable bit.”
Section 5.18.3, "Software
Power-Down Mode"
• Removed “In the SPD state, the device dis-
ables most internal functions... and the MII
Management Interface operate using the crys-
tal clock.”
• Removed the application note
Section 6.1, "Absolute Maxi-
mum Ratings*"
Changed HBM ESD Performance “+/-4kV” to HBM
ESD Performance “+/-5 kV”
Section 6.3, "Power Con-
sumption", Table 6-2,
Table 6-8, Table 6-4
(Tables removed in Rev. C)
Removed “TBD” and reworked values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com