Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8808D Datasheet(PDF) 8 Page - Microchip Technology

Part # LAN8808D
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8808D Datasheet(HTML) 8 Page - Microchip Technology

Back Button LAN8808D Datasheet HTML 4Page - Microchip Technology LAN8808D Datasheet HTML 5Page - Microchip Technology LAN8808D Datasheet HTML 6Page - Microchip Technology LAN8808D Datasheet HTML 7Page - Microchip Technology LAN8808D Datasheet HTML 8Page - Microchip Technology LAN8808D Datasheet HTML 9Page - Microchip Technology LAN8808D Datasheet HTML 10Page - Microchip Technology LAN8808D Datasheet HTML 11Page - Microchip Technology LAN8808D Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
LAN8808D
DS00005833C-page 8
© 2026 Microchip Technology Inc. and its subsidiaries
2.0
INTRODUCTION
2.1
General Description
The LAN8808D is a low-power, quad-port triple-speed (10BASE-T/100BASE-TX/1000BASE-T) Ethernet physical layer
transceiver (PHY) that supports transmission and reception of data on standard CAT-5, as well as CAT-5e and CAT-6,
Unshielded Twisted Pair (UTP) cables.
The LAN8808D supports industry-standard QSGMII (Quad Serial Gigabit Media Independent Interface) providing chip-
to-chip connection to four Gigabit Ethernet MACs using a single serialized link (differential pair) in each direction.
The LAN8808D reduces board cost and simplifies board layout by using on-chip termination resistors for the line-facing
differential pairs.
The LAN8808D offers diagnostic features to facilitate system bring-up and debugging in production testing and in prod-
uct deployment. The LinkMD TDR-based cable diagnostic identifies faulty copper cabling. Integrated loopback functions
verify analog and digital data paths.
The LAN8808D is available in a 100-pin, RoHS Compliant VQFN package with commercial (0
C to +70C) and industrial
(-40
C to +85C) temperature ranges. An internal block diagram of the LAN8808D is shown in Figure 2-1.
FIGURE 2-1:
INTERNAL BLOCK DIAGRAM
QSGMII
Interface
MDIO
Ethernet Media
Interface Port 0
GMII
GPHY
Hard Macro
Tx/Rx Rate
Adaptation
FIFOs
TBI
Ethernet Media
Interface Port 1
GMII
GPHY
Hard Macro
Tx/Rx Rate
Adaptation
FIFOs
TBI
Ethernet Media
Interface Port 2
GMII
GPHY
Hard Macro
Tx/Rx Rate
Adaptation
FIFOs
TBI
Ethernet Media
Interface Port 3
GMII
GPHY
Hard Macro
Tx/Rx Rate
Adaptation
FIFOs
TBI
Chip
Common
Registers
PCS1G
LEDs
PCS1G
LEDs
PCS1G
LEDs
PCS1G
LEDs
8 LEDs
4 Tx SOF
4 Rx SOF
Analog
Common Macro
Digital Common
GMII
GMII
GMII
GMII
Customer
Temp Monitor
25M Ref Clk
Reset
125M Ref Clk
LAN8808D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com